Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2D6M-001 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # E5CD-RX2D6M-001
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2D6M-001 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E5CD-RX2D6M-001 Datasheet HTML 27Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 28Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 29Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 30Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 31Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 32Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 33Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 34Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
E5ED/E5ED-B
31
External Connections
E5ED (Screw Terminal Blocks)
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less.
If the cable length exceeds 30 m, compliance with EMC standards will not be possible.
4. Connect M3 crimped terminals.
5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring).
Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring
(internal wiring).
The E5ED is set for a K-type thermocouple (input type = 5) by
default. An input error (
s.err) will occur if the input type setting does
not agree with the temperature sensor. Check the input type.
Relay output
250 VAC, 2 A
(resistive load)
E5ED-
@@ 4 @ 6 M - @@@
↑
Terminal type
(1) (2) (3) (4) (5)
(6)
Relay output
250 VAC, 5 A
(resistive load)
Relay output
250 VAC, 5 A (resistive load)
Voltage output
(for driving SSR)
12 VDC, 40 mA
When There Is a Control Output 2: 21 mA
Linear current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500 Ω max
Control output 1
Control output 2
Auxiliary outputs 1, 2, 3, 4
23
24
11
12
19
20
21
22
9
10
2
7
8
17
5
6
3
4
113
14
15
16
18
35
36
31
32
33
34
29
25
26
27
28
30
2
1
2
(no polarity)
(3) Input Power Supply
1
100 to 240 VAC
24 VAC/DC
(5) Sensor (Temperature/Analog) Input
V
23
V
24
22
TC
22
+
−
mA
−
+
23
22
23
24
Pt
I
24
22
23
24
+
−
(1) Control output
Models with
1 Relay Output
Models with 1 Voltage
Output (for Driving SSR)
3
4
5
6
3
4
5
6
3
4
5
6
3
4
5
6
RX
R
R
R
R
Q
Q
OUT1
OUT1
OUT1
OUT1
OUT2
OUT2
A
B
B
QR
RR
QX
(2) Auxiliary Outputs
7
8
11
12
Auxiliary outputs 1, 2, 3, 4
9
10
Auxiliary output 2
Auxiliary output 1
Auxiliary output 4
Auxiliary output 3
+
−
−
+
A
D
+
−
1 linear current
Output
3
4
5
6
C
OUT1
CX
21
19
20
21
19
20
17
18
16
17
18
13
14
15
15
16
010
4 event inputs,
and 1 CT input
13
14
(6) Options
EV1
EV2
EV1
EV2
EV3
EV4
B(
+)
A(
−)
(
−)
(
−)
(
−)
RS-485
CT1
CT1
004
Communications (RS-485),
2 event inputs
18
13
14
15
16
17
21
19
20
RS-485
EV1
EV2
(
−)(−)
022
Communications, 4 event inputs,
and Transfer Output
28
29
30
32
31
33
13
14
15
16
17
18
19
20
21
EV1
EV2
EV5
EV6
B(
+)
A(
−)
RS-485
Transfer
Output
−
+
+
I
V
Models with Voltage Output (for
Driving SSR) and Relay Output
Models with 2
Relay Outputs
008
Communications, 2 event
inputs, and 1 CT input
B(
+)
A(
−)
(
−)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com