Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2D6M-001 Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # E5CD-RX2D6M-001
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2D6M-001 Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button E5CD-RX2D6M-001 Datasheet HTML 46Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 47Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 48Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 49Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 50Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 51Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 52Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 53Page - Omron Electronics LLC E5CD-RX2D6M-001 Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
50
Temperature Sensors for Packaging Machines
E52
Accurately Measure Seal Temperature
with Sensors for Packaging Machines.
• Heat resistance (sleeve: 0 to 260°C) and direct
installation to heat bars.
• Greater flexibility in the movable section (models with 30
cores).
• Protective tubing diameter of 1 mm with ground for high-
speed response.
• Usage together with the automatic filter adjustment
function of E5D Digital Temperature Controllers is
recommended.
• New models with ferrules to help reduce wiring work have
been added to the previous models with M3 screw
connections.
Temperature Sensors for Packaging Machines
Refer to Safety Precautions for the E5CD/E5ED Digital
Temperature Controllers on page 43.
Classification
Description
Model and appearance
Temperature
range
Element
type
Conductor
type
Class
Protective
tubing
material
Terminal
type
Special models
for packaging
machines
Sheathed
thermocouple
E52-CAA
D=1 S
0 to 650°C
K (CA)
Grounded
type
2 (0.75)
ASTM316L
Exposed
lead wires



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com