Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2D6M-002 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E5CD-RX2D6M-002
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2D6M-002 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E5CD-RX2D6M-002 Datasheet HTML 10Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 11Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 12Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 13Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 14Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 15Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 16Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 17Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
E5CD/E5CD-B
14
Nomenclature
Dimensions
(Unit: mm)
Controllers
Note: Do not leave the USB-Serial Conversion Cable connected when you use the Digital Temperature Controller.
Front panel
Press
O Key once to
go to Adjustment Level.
Press
O Key for at least
3 seconds to go to Initial Setting Level.
Use the
M Key to change to another parameter.
Operation indicators
No. 1 display
No. 2 display
Temperature unit
Use
S Key to change the digit (default setting).
Use the
U D Keys to set the
parameter.
PV or specified parameter
SP or specified parameter value
Top View
Top-panel Setup Tool port
Bar display
E5CD/E5CD-B
Group mounting does not allow
waterproofing.
45+0.6
0
45+0.6
0
45+0.6
0
60 min.
(48 × number of units - 2.5)+1.0
0
Panel Cutout
Mounted Separately
Group Mounted
Mounting Adapter
(Accessory)
Waterproof Packing
(Accessory)
48 × 48
Terminal Covers
(E53-COV23, accessory)
4
1
62
(66)
58
44.8 × 44.8
E5CD
• Recommended panel thickness is 1 to 5 mm.
• Group mounting is not possible in the vertical direction. (Main-
tain the specified mounting space between Controllers.)
• To mount the Controller so that it is waterproof, insert the water-
proof packing onto the Controller.
• When two or more Controllers are mounted, make sure that the
surrounding temperature does not exceed the allowable operat-
ing temperature specified in the specifications.
• Use a control panel thickness of 1 to 3 mm if the Y92A-48N and
a USB-Serial Conversion Cable are used together.
• Use a control panel thickness of 1 to 3 mm if the Y92S-P8 and
a USB-Serial Conversion Cable are used together.
The Setup Tool port is on the top of the Digital Temperature Controller.
It is used to connect the Digital Temperature Controller to the computer to use the Setup Tool.
The E58-CIFQ2 USB-Serial Conversion Cable is required to make the connection.
Refer to the instructions that are provided with the USB-Serial Conversion Cable for the connection procedure.
Terminal Cover
(E53-COV17)
(Sold separately)
Mounting Adapter
(Accessory)
Waterproof Packing
(Accessory)
48 × 48
44.8 × 44.8
4
1
73.1
60
58
48.8
With Terminal Covers (E53-COV17, Sold separately) Mounted
4
1
67.4
(71.4)
58
Waterproof Packing
(Accessory)
Mounting Adapter
(Accessory)
48 × 48
48 × 48
E5CD-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com