Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2D6M-002 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5CD-RX2D6M-002
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2D6M-002 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5CD-RX2D6M-002 Datasheet HTML 1Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 2Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 3Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 4Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 5Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 6Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 7Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 8Page - Omron Electronics LLC E5CD-RX2D6M-002 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
E5CD/E5CD-B
3
Model Number Legend and Standard Models
Model Number Legend
Models with Screw Terminal Blocks
E5CD-
@@ 2 @ 6M -@@@
(Example: E5CD-RX2A6M-000)
−− − − − − −−−
AB C D E
F
Heating and Cooling Control
Using Heating and Cooling Control
A Control Output Assignment
An auxiliary output is used as the cooling control output.
B Control
If PID control is used, you can set PID control separately for heating and cooling.
This allows you to handle control systems with different heating and cooling response characteristics.
List of Models
Model
A
B
C
D
E
F
Meaning
Control outputs
1 and 2
No. of
auxiliary
outputs
Power
supply
voltage
Terminal
type
Input
type
Options
E5CD
48
× 48 mm
Control output 1
Control output 2
RX
Relay output
None
QX
Voltage output
(for driving SSR)
None
CX
Linear current output
None
2
2 independent outputs
A
100 to 240 VAC
D
24 VAC/DC
6
Screw terminal blocks (with E53-COV23 Terminal
Cover), draw-out structure
M
Universal input
HB alarm and
HS alarm
Communications Event
inputs
Transfer
Output
000
---
---
---
---
*1
001
1
---
2
---
*1
002
1
RS-485
---
---
*2
004
---
RS-485
2
---
*2
006
---
---
2
Provided.
*1. This option can be selected when the control output is RX or QX.
*2. This option can be selected when the control output is CX.
Model
Model
E5CD-RX2A6M-000
E5CD-CX2A6M-000
E5CD-RX2D6M-000
E5CD-CX2D6M-000
E5CD-RX2A6M-001
E5CD-CX2A6M-004
E5CD-RX2D6M-001
E5CD-CX2D6M-004
E5CD-RX2A6M-002
E5CD-CX2A6M-006
E5CD-RX2D6M-002
E5CD-CX2D6M-006
E5CD-QX2A6M-000
E5CD-QX2D6M-000
E5CD-QX2A6M-001
E5CD-QX2D6M-001
E5CD-QX2A6M-002
E5CD-QX2D6M-002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com