Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E6F-A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E6F-A
Description  Rotary Encoders
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E6F-A Datasheet(HTML) 2 Page - Omron Electronics LLC

  E6F-A Datasheet HTML 1Page - Omron Electronics LLC E6F-A Datasheet HTML 2Page - Omron Electronics LLC E6F-A Datasheet HTML 3Page - Omron Electronics LLC E6F-A Datasheet HTML 4Page - Omron Electronics LLC E6F-A Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rotary Encoders
2
(Unit: mm)
Coupling Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Applicable model: E6B2-C, E6C2-C, E6D-C, E6CP-A
Applicable model:E6F-C, E6F-A
Four, M2
1.6
3.2
(6.8)
13.2±0.4
3.2
9±0.2 dia.
1.6
Material: Glass-reinforced PBT
E69-C02B
Applicable model: E6J-C
21
Four, M3
hexagonal
set screws
4 dia.,
Height: 8 13 dia.
(10.6)
(15.6)
2.7
2.7
5.2
5.2
Material: Glass-reinforced PBT
E69-C04B
Applicable model: E6A2-C, E6J-A
22
Four, M3
hexagonal
set screws
6 dia.,
Height: 8 15 dia.
(11)
(16.4)
2.8
2.8
5.5
5.5
Material: Glass-reinforced PBT
E69-C06B
2.4
2.4
19.1
19.1 dia.
6 dia.,
Height: 8
Four, M3
hexagonal
set screws
Material: Extra-super duralumin
E69-C06M
26.2
Four, M4
hexagonal
set screws
10 dia.,
Height: 8 22 dia.
(12)
(19)
3.6
3.6
7.1
7.1
Material: Glass-reinforced PBT
E69-C10B
25.4
3.8
3.8
Four, M5
hexagonal
set screws
10 dia,
Height: 8
25.4 dia.
Material: Extra-super duralumin
E69-C10M
8 dia., Height: 8
8 dia.,
Height: 8 19 dia.
Four, M4 hexagonal set screws
3.5
3.5
6.8
6.8
23.6
Material: Glass-reinforced PBT
E69-C08B
Applicable model: E6C3-A, E6C3-C
Four, M4
hexagonal
set screws
24.8
6.8
6.8
3.5
3.5
Brass bushing
6 dia.,
Height: 8
8 dia.,
Height: 8 19 dia.
Material: Glass-reinforced PBT
E69-C68B
Model with Different End Diameter
Applicable model: E6B2-C, E6C2-C, E6C3-C, E6D-C,
E6CP-A, E6C3-A
25.6
7.1
7.1
3.6
3.6
Brass bushing
6 dia.,
Height: 8
10 dia.,
Height: 8 22 dia.
Four, M4
hexagonal
set screws
Material: Glass-reinforced PBT
E69-C610B
Model with Different End Diameter
Applicable model: E6B2-C, E6C2-C, E6D-C, E6F-C,
E6CP-A, E6F-A
Standard hole dimensions (mm) Tolerance (
μm)
Min.
Max.
Height: 8
---
3
+14
0
36
+18
0
610
+22
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com