Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E6F-A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E6F-A
Description  Rotary Encoders
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E6F-A Datasheet(HTML) 4 Page - Omron Electronics LLC

  E6F-A Datasheet HTML 1Page - Omron Electronics LLC E6F-A Datasheet HTML 2Page - Omron Electronics LLC E6F-A Datasheet HTML 3Page - Omron Electronics LLC E6F-A Datasheet HTML 4Page - Omron Electronics LLC E6F-A Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rotary Encoders
4
Servo Mounting Bracket Dimensions
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
38 dia.
56 dia.
25.2±0.1 dia.
120
°
120
°
120
°
25 dia.
Three, M5
E69-2 (provided)
68±0.2 dia.
Panel
Three, 5.5-dia.
holes, 8.5
countersinking
Material:
SPCC
Thickness: 3.2
Mounting Diagram
For the E6C2-C
E69-FCA02
Applicable model: E6C2-C
Note: Three phillips screws M4
✕ 10 provided, E69-2 Servo Mounting Bracket provided
E69-2 (provided)
120
°±1°
120
°±1°
56 dia.
120
°
68±0.2 dia.
120
°
40±0.1 dia.
30.2±0.1 dia.
Three, M4 holes,
4.5 countersinking
Panel
Three, M5 screws
30 +0
−0.021 dia.
Mounting Diagram
For the E6C3-A
E69-FCA04
Applicable model: E6C3-C, E6C3-A
Note: Three phillips screws M4
✕ 8 provided, E69-2 Servo Mounting Bracket provided
Material:
SPCC
Thickness: 3.2
1.6+0.1
0
(2.8)
5
8.5
(9.7)
8
4
Two,
0.5 corners
3.5-dia. hole
Material: SPCC
Applicable model: E6A2-C
E69-1 (Three brackets in a set.)
(5.1)
3.1
+0.1
0
2
9
16
(18)
16
8
5.5-dia. hole
Two,
1 corners
Applicable model:
E6B2-C, E6C2-C,
E6C3-CWZ
@H, E6D-C,
E6F-C, E6CP-A,
E6C3-A, E6F-A
Material: SPCC
E69-2 (Three brackets in a set.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com