Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CSV Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5CSV
Description  Temperature Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5CSV Datasheet HTML 1Page - Omron Electronics LLC E5CSV Datasheet HTML 2Page - Omron Electronics LLC E5CSV Datasheet HTML 3Page - Omron Electronics LLC E5CSV Datasheet HTML 4Page - Omron Electronics LLC E5CSV Datasheet HTML 5Page - Omron Electronics LLC E5CSV Datasheet HTML 6Page - Omron Electronics LLC E5CSV Datasheet HTML 7Page - Omron Electronics LLC E5CSV Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CSM_E5CSV_DS_E_7_5
1
Temperature Controllers
E5CSV
Easy Setting Using DIP Switch and Simple
Functions in DIN 48
× 48 mm-size Temperature
Controllers
• Easy setting using DIP switch.
• Models with two alarms added to Series, ideal for temperature
alarm applications.
• Universal-input (thermocouple/platinum resistance thermometer)
models also available.
• Clearly visible digital display with character height of 13.5 mm.
• Models available with black in addition to white cases.
• RoHS compliant.
Model Number Structure
■ Model Number Legend
Models with Terminal Blocks
Note: A functional explanation is provided here for illustration, but models are not necessarily available for all possible combinations. Refer to
Ordering Information
when ordering.
Examples
• Relay control output, without alarm, thermocouple/platinum-resistance thermometer multi input, black case : E5CSV-RT
• Relay control output, one alarm output, platinum resistance thermometer input, black case, light gray case : E5CSV-R1P-W
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Refer to E5CS/E5CSV Operation for
operating procedures.
Refer to Safety Precautions for All Temperature
Controllers
.
12 3 4
5
E5CSV-
@@@@-@
1. Control Outputs
R: Relay
Q: Voltage for driving SSR
2. Alarm Outputs
Blank: No alarm
1:
1 alarm
2:
2 alarms
3. Input
KJ: Thermocouple
P:
Platinum resistance thermometer
T:
Thermocouple/platinum resistance
thermometer (universal-input)
4. Power Supply Voltage
Blank: 100 to 240 VAC
D:
24 VAC/VDC
5. Case Color
Blank: Black
W:
Light gray


Similar Part No. - E5CSV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CSV OMRON-E5CSV Datasheet
580Kb / 20P
Simple to Set and Operate 1/16 DIN Size Controllers
More results

Similar Description - E5CSV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
Digital Temperature Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
Temperature Controllers
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
List of Unclassifed Man...
TOS-B4RK2C ETC2-TOS-B4RK2C Datasheet
115Kb / 1P
ANALOGUE TEMPERATURE CONTROLLERS
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11_15 Datasheet
134Kb / 1P
Temperature PID Controllers
96VFL11 EXTECH-96VFL11_15 Datasheet
134Kb / 1P
Temperature PID Controllers
96VFL13 EXTECH-96VFL13_15 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Omron Electronics LLC
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
Digital Temperature Controllers
E5CS OMRON-E5CS Datasheet
1Mb / 10P
Temperature Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com