Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CSV Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5CSV
Description  Temperature Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5CSV Datasheet HTML 1Page - Omron Electronics LLC E5CSV Datasheet HTML 2Page - Omron Electronics LLC E5CSV Datasheet HTML 3Page - Omron Electronics LLC E5CSV Datasheet HTML 4Page - Omron Electronics LLC E5CSV Datasheet HTML 5Page - Omron Electronics LLC E5CSV Datasheet HTML 6Page - Omron Electronics LLC E5CSV Datasheet HTML 7Page - Omron Electronics LLC E5CSV Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E5CSV
2
Ordering Information
■ List of Models
Case Color: Light Gray, Thermocouple or Platinum Resistance Thermometer,
Power Supply Voltage: 100 to 240 VAC
Case Color: Light Gray, Thermocouple, Power Supply Voltage: 24 VAC/VDC
Case Color: Light Gray, Universal-input, Power Supply Voltage: 100 to 240 VAC
Note: There is no alarm output 2 mode switch. The default setting for alarm output 2 is for the upper limit alarm mode. To change the setting,
change the alarm type for alarm output 2 in initial setting level 5. For details, refer to the “E5CSV/E5CS-U Digital Temperature Controller
User’s Manual” (Cat. No. H140-E1-01).
Case Color: Black, Universal-input, Power Supply Voltage: 24 VAC/VDC
Note: There is no alarm output 2 mode switch. The default setting for alarm output 2 is for the upper limit alarm mode. To change the setting,
change the alarm type for alarm output 2 in initial setting level 5. For details, refer to the “E5CSV/E5CS-U Digital Temperature Controller
User’s Manual” (Cat. No. H140-E1-01).
■ Accessories (Order Separately)
Protective Cover
Terminal Cover
Terminal Cover
(For Controllers after the design change scheduled for October 2010)
Note: The E53-COV10 Terminal Cover cannot be mounted to
Controllers that are manufactured after the design change
scheduled for October 2010
DIN Track Mounting Adapter
Rubber Packing
Note: The Rubber Packing is provided with the Digital Controller.
Size
Type
Control
modes
Alarms
Outputs
Model with
thermocouple
Model with platinum
resistance
thermometer
E5CSV
48
× 48mm
Terminal block ON/OFF or
PID
1
Relay
E5CSV-R1KJ-W
E5CSV-R1P-W
Voltage (for driving SSR)
E5CSV-Q1KJ-W
E5CSV-Q1P-W
Size
Type
Control
modes
Alarms
Outputs
Model with
thermocouple
E5CSV
48
× 48mm
Terminal block ON/OFF or
PID
1
Relay
E5CSV-R1KJD-W
Size
Type
Control
modes
Alarms
Outputs
Model with universal-
input (thermocouple
or platinum resistance
thermometer)
E5CSV
48
× 48mm
Terminal block ON/OFF or
PID
0Relay
E5CSV-RT
Voltage (for driving SSR)
E5CSV-QT
1
Relay
E5CSV-R1T
Voltage (for driving SSR)
E5CSV-Q1T
2 (See note.)
Relay
E5CSV-R2T
Voltage (for driving SSR)
E5CSV-Q2T
Size
Type
Control
modes
Alarms
Outputs
Model with universal-
input (thermocouple
or platinum resistance
thermometer)
E5CSV
48
× 48mm
Terminal block ON/OFF or
PID
0Relay
E5CSV-RTD
Voltage (for driving SSR)
E5CSV-QTD
1
Relay
E5CSV-R1TD
Voltage (for driving SSR)
E5CSV-Q1TD
2 (See note.)
Relay
E5CSV-R2TD
Voltage (for driving SSR)
E5CSV-Q2TD
Type
Model
Hard Protective Cover
Y92A-48B
Model
E53-COV10
Model
E53-COV17
Model
Y92F-52
Model
Y92S-29



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com