Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E39-R3
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 13Page - Omron Electronics LLC E39-R3 Datasheet HTML 14Page - Omron Electronics LLC E39-R3 Datasheet HTML 15Page - Omron Electronics LLC E39-R3 Datasheet HTML 16Page - Omron Electronics LLC E39-R3 Datasheet HTML 17Page - Omron Electronics LLC E39-R3 Datasheet HTML 18Page - Omron Electronics LLC E39-R3 Datasheet HTML 19Page - Omron Electronics LLC E39-R3 Datasheet HTML 20Page - Omron Electronics LLC E39-R3 Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
E3S-A
Retro-reflective Sensors (Vertical)
Pre-wired Sensors
Sensors with Connectors
10.5
20
31.5
1.2 10.7
3.1
20
20
47.2
5.5 5.4
7.2
16.9
28.9
4.8
With Mounting Bracket Attached
Stainless
steel
(SUS304)
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
A*
Two, M3
× 12 screws
E3S-AR61/71/81/91
40
17
(4) *2
8.8 dia.
12
12.4
1.3
10.5
20
5.5
7
5.9
23.3
20
Emitter
Receiver
*1. Available on E3S-AR71 and E3S-AR91 only.
*2. 9.7 mm for E3S-AR71 and E3S-AR91.
*3. The E3S-AR611 or E3S-AR81 has three conductors.
Lens (5.7
× 10.9)
Optical axis
Two, M3
× 12 screws
Stability indicator
(green)
Light indicator
(red)
Operation mode
selector switch
Two, M3 holes
4-dia. vinyl-insulated
round cable
with 5 conductors
(Conductor cross
section: 0.2 mm2,
Insulator diameter:
1.1 mm),
Standard length:
2 m *3
Sensitivity
adjuster
(white)
Timer adjuster/
Turbo switch (black) *1
Turn to adjust the timer:
push to switch turbo function
Mounting Holes
Four
mounting
holes
10.5
20
31.5
1.2 10.7
3.1
20
41.7
5.4
7.2
19.4
31.4
4.8
Use these
two holes
for
mounting.
Stainless steel
(SUS304)
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
A*
Two, M3
× 12 screws
E39-L60 Close Mounting Plate (provided)
(Attach the mounting plate or the
plug cannot be connected.)
With Mounting Bracket Attached
E3S-AR66/86
M12
Connector
40
17
(10)
12
1.3
10.5
20
7
5.9
23.3
Stability indicator
(green)
20
Mounting Holes
Emitter
Receiver
Lens (5.7
× 10.9)
Optical axis
Two,
M3
× 12 screws
Light indicator (red)
Operation
mode
selector switch
Two, M3 holes
Sensitivity
adjuster
(white)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com