Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E39-R3
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E39-R3 Datasheet HTML 1Page - Omron Electronics LLC E39-R3 Datasheet HTML 2Page - Omron Electronics LLC E39-R3 Datasheet HTML 3Page - Omron Electronics LLC E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
E3S-A
4
Ratings and Specifications
*1. Values in brackets are the minimum required distance between the Sensor and Reflector.
*2. National Electrical Manufacturers Association
Sensing method
Through-beam
Sensors
Retro-reflective
Sensors
(with MSR function)
Diffuse-reflective Sensors
Item
Model
E3S-AT11, 16, 21, 31,
36, 41, 61, 66, 71, 81,
86, 91
E3S-AR11, 16, 21, 31,
36, 41, 61, 66, 71, 81,
86, 91
E3S-AD13, 18, 23, 33,
38, 43, 63, 68, 73, 83,
88, 93
E3S-AD11, 16, 21, 31,
36, 41, 61, 66, 71, 81,
86, 91
E3S-AD12, 17, 22, 32,
37, 42, 62, 67, 72, 82,
87, 92
Sensing distance
7 m
2 m (100 mm) *1
(When using E39-R1)
100 mm (wide view)
(white paper 100
×
100 mm)
10 to 200 mm
(white paper 100
×
100 mm)
700 mm
(white paper 200
×
200 mm)
Standard sensing object
Opaque:
10-mm dia. min.
Opaque:
75-mm dia. min.
---
Differential travel
---
20% max. of sensing
distance
10% max. of sensing
distance
20% max. of sensing
distance
Directional angle
Both Emitter and
Receiver: 3
° to 15°
3 to 10
°
---
Light source (wavelength)
Red LED (700 nm)
Infrared LED (880 nm)
Red LED (700 nm)
Infrared LED (880 nm)
Power supply voltage
10 to 30 VDC, including ripple (p-p) 10%
Current consumption
Both Emitter and
Receiver: 20 mA max.
(plus approx. 15 mA with
turbo function)
30 mA max. (plus
approx. 15 mA with
turbo function)
35 mA max.
30 mA max. (plus
approx. 15 mA with
turbo function)
35 mA max.
Control output
Load power supply voltage: 30 VDC max., Load current: 100 mA max. (residual voltage: 1 V max.)
Open-collector output (NPN or PNP depending on model), Light-ON/Dark-ON selectable
Self-diagnostic output (Only
on Sensors with self-diagnos-
tic outputs)
(Only Sensors with self-diagnostic function) Load power supply voltage: 30 VDC max.,
Load current: 50 mA max. (residual voltage: 1 V max.),
Open-collector output (NPN or PNP depending on model)
External
diagnostic
input
(Only on
Sensors with
external
diagnostic
outputs)
Input
voltage
NPN
with Emitter OFF: 0 V short-circuit or 1.5 V max.
(source current: 1 mA max.)
with Emitter ON: Open
(leakage current: 0.1 mA max.)
PNP
with Emitter OFF: +DC short-circuit or
−1.5 VDC
max. (sink current: 3 mA max.)
with Emitter ON: Open
(leakage current: 0.1 mA max.)
---
Response
time
0.5 ms max.
Protection circuits
Power supply reverse
polarity protection,
Output short-circuit
protection
Power supply reverse polarity protection, Output short-circuit protection, Mutual interference prevention
Response time
Operation or reset: 0.5 ms max.
Sensitivity adjustment
Two-turn endless adjuster with an indicator
Timer function (Only on Sen-
sors with the timer function)
0 to 100 ms OFF-delay variable adjuster
Turbo function (Only on Sen-
sors with the turbo function)
Yes (with turbo switch)
---
Ambient illumination (Receiv-
er side)
Incandescent lamp: 5,000 lx max.
Sunlight: 10,000 lx max.
Ambient temperature
Operating:
−25°C to 55°C (with no icing or condensation)
Storage:
−40°C to 70°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85% (with no condensation)
Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC between current-carrying parts and case
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min. between current-carrying parts and case
Vibration resistance
(destruction)
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
(destruction)
Destruction: 500m/s2, 3 times each in X, Y, and Z directions
Degree of protection
IEC IP67; NEMA: 4X (indoors only) *2
Connection method
Pre-wired (standard length: 2 m) or M12 connector
Weight (packed state)
Pre-wired cable:
Approx. 150 g
Connector: Approx. 70 g
Pre-wired cable:
Approx. 110 g
Connector: Approx. 60 g
Pre-wired cable: Approx. 90 g
Connector: Approx. 50 g
Material
Case
PBT
Lens
Denatured polyallylate
Mounting
Bracket
Stainless steel (SUS304)
Accessories
Mounting bracket (with screws), Sensitivity adjustment driver, Sensitivity adjusting knob, Instruction sheet, Close mounting plate
(only for Sensors with connectors), and Reflector (only for Retro-reflective Sensors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com