Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1SJ71UC24-R4 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # A1SJ71UC24-R4
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A1SJ71UC24-R4 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button A1SJ71UC24-R4 Datasheet HTML 7Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 8Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 9Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 10Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 11Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 12Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 13Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 14Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
EJ1
11
Connection Precautions
Communications Unit Number Setting
• You can set communications unit numbers 0 to 7 for HFUs. With
, you can also set communications unit numbers 32 to 39.
• You can set communications unit numbers 0 to 63 for Basic Units
unless connected to an HFU, in which case you can set
communications unit numbers 0 to 31.
Restrictions on the Number of Units That Can Be
Connected
Restrictions for HFUs
• One EJ1N-HFU can manage up to 32 Basic Units (EJ1N-TC4/
TC2).
• Up to 16 Units can be connected side by side including the EJ1N-
HFU. The End Unit is not included in the 16 Units.
• To use the CX-Thermo Support Software from a computer to set
EJ1N-TC4/EJ1N-TC2 Basic Units that are connected with
distributed placement, use a communications cable to connect port
A (on the terminal block) on both Units.
Restrictions When Connecting with the G3ZA
• Up to 8 G3ZA Multi-channel Power Controllers can be connected
to one Basic Unit (EJ1N-TC4/TC2).
Restrictions for Basic Units
• When the system is configured of only Basic Units (EJ1N-TC4/
TC2), up to 64 Units can be connected.
• Distributed placement is possible by using End Units (EJ1C-EDU).
• Up to 16 Units can be connected side by side. The End Unit is not
included in the 16 Units.
• To use the CX-Thermo Support Software from a computer to set
EJ1N-TC4/EJ1N-TC2 Basic Units that are connected with
distributed placement, use a communications cable to connect port
A (on the terminal block) on both Units.
Wiring for Distributed Placement
Note: 1. To use the CX-Thermo Support Software from a computer
to set EJ1N-TC4/EJ1N-TC2 Basic Units that are connected
with distributed placement, use a communications cable to
connect port A (terminals 1 and 2 on the terminal block) on
both Units.
2. This wiring is for when the EJ1N-HFU is not used.
V1.2
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-HFU
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
EJ1N-TC4 or
EJ1N-TC2
One HFU can manage up to 16 Basic Units
(when using the EJ1N-TC4: 4 channels
× 16 Units = 64 channels)
EJ1C-EDU
EJ1C-EDU
Port B
Port B
EJ1N-HFU
Port C
EJ1N-TC4
or
EJ1N-TC2
Up to 16 Units can be connected side by side.
Note: End Units are not included in the number
of Units that can be connected.
To the host device
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
EJ1C-EDU
Up to 8 G3ZA Power Controllers can be connected to one Basic Unit.
EJ1N-TC4 or EJ1N-TC2
G3ZA
G3ZA connection port
SW2
SW1
ERROR
OCC
SD/RD
READY
SW2
SW1
ERROR
OCC
SD/RD
READY
SW2
SW1
ERROR
OCC
SD/RD
READY
SW2
SW1
ERROR
OCC
SD/RD
READY
Port B
To the host device
Port B
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
EJ1C-EDU
EJ1N-TC4 or EJ1N-TC2
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
EJ1C-EDU
EJ1N-TC4 or EJ1N-TC2
Up to 64 Basic Units can be connected using distributed placement.
Using EJ1
@-TC4 models: 4 channels × 64 Units = 256 channels
Using EJ1
@-TC2 models: 2 channels × 64 Units = 128 channels
Note: End Units are not included in the number of Units that can be connected.
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
1
2
3
4
5
6
7
8
9
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
BCDE
1
2
3
4
5
6
7
8
9
Port A
Port B
Port A
Port B
Host
devices
FG
24 VDC
RS-485
RS-485
24 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com