Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1SJ71UC24-R4 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # A1SJ71UC24-R4
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A1SJ71UC24-R4 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button A1SJ71UC24-R4 Datasheet HTML 13Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 14Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 15Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 16Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 17Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 18Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 19Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 20Page - Omron Electronics LLC A1SJ71UC24-R4 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
EJ1
17
Functional Upgrades
Functions depend on the version that you are using. The functional upgrades are given below. Refer to the User's Manual (Cat. No. H142) for
details.
Identifying Upgraded Models
The new functionality can be used with version 1.2 (V1.2). Check the label on the Temperature Controller or the box to determine the version.
Models not marked "Ver. 1.1" are version 1.0.
Note: The above example is for version 1.2.
Version
Applicable Unit
V1.1
V1.2
Basic Units
(EJ1N-TC2/TC4)
• Modbus communications can be used on port B.
The corresponding parameters are those for
variable types C4/84, C5/85, and D0/90 to D6/96.
• Software version 2 of the G3ZA Multi-channel Power
Controller can be used.
Note: 1. When more than one G3ZA Multi-channel
Power Controller is connected, version 1 and
version 2 can be mixed. (Up to 8 G3ZA Multi-
channel Power Controllers can be
connected.)
2. Software version 2 of G3ZA Multi-channel
Power Controller can also be used with EJ1
version1.0.
• Autotuning is provided for heating/cooling control.
• Self-tuning has been added.
• A switch can be used to display the output status on
the operation indicators during operation.
• Modbus communications can be used to read and
write all parameters, and to execute any of the
operation commands.
• A switch setting can be changed to use Modbus
communications on port B.
• A switch setting can be used to set the baud rate of
port B.
• A C0/80 status has been added to the variable types.
• Up to eight G3PW Power Controllers can be
connected to one Basic Unit.
Note: 1. The G3PW can be connected to EJ1 V1.1.
2. The G3PW and G3ZA cannot be used
together.
Advanced Unit
(EJ1N-HFU
@-NFL@)
• Programless communications can be used with 1: N
connections.
• The maximum number of parameters that can be
specified for programless upload/download settings
has been increased from 300 to 600 each.
• Connection is now possible to MELSEC-QnA/An/
AnS/FX3uc-series PLCs.
• A new setting read operation has been added to
programless communications: Setting Read 2.
• The speed of programless communications has
been increased.
• Either "continue" or "stop" can be selected for when
errors occur in programless communications.
• Bit specification operation commands have been
added to the parameters that can be specified for
programless download settings. This simplifies the
program when operation commands are executed.
• The G3ZA or G3PW Monitor parameter has been
added to the parameters that can be specified for
programless upload settings. Up to four G3ZA Multi-
channel Power Controllers or up to four G3PW
Power Controllers can be connected to one Basic
Unit.
• The maximum number of parameters that can be
specified for programless upload/download setting
has been increased from 600 to 1200 each.
• The maximum number of Basic Units that an HFU
with Programless Communications can control has
been increased from 16 to 32 Units.
• Communications unit numbers 32 to 39 can be used
in the HFU via programless communications.
This allows the communications unit numbers of
Basic Units connected to an HFU to be numbered
sequentially, making it easy to copy HFU and Basic
Unit settings to other HFUs and Basic Units.
Support Software
CX-Thermo version 3.20 or higher
CX-Thermo version 4.1 or higher
V1.1
V1.2
Box Label
Version
Temperature Controller Label
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com