Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E39-R1
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 10Page - Omron Electronics LLC E39-R1 Datasheet HTML 11Page - Omron Electronics LLC E39-R1 Datasheet HTML 12Page - Omron Electronics LLC E39-R1 Datasheet HTML 13Page - Omron Electronics LLC E39-R1 Datasheet HTML 14Page - Omron Electronics LLC E39-R1 Datasheet HTML 15Page - Omron Electronics LLC E39-R1 Datasheet HTML 16Page - Omron Electronics LLC E39-R1 Datasheet HTML 17Page - Omron Electronics LLC E39-R1 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
E3S-A
Through-beam Sensors (Vertical)
Pre-wired Sensors
3.1
20
20
47.2
5.5 5.4
7.2
16.9
28.9
8.3
10.5
20
29.2
1.2 10.7
Stainless
steel
(SUS304)
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
A*
Two, M3 x 12 screws
With Mounting Bracket Attached
E3S-AT61/71/81/91 (Receiver)
40
1.3
*1. The E3S-AT61 or E3S-AT81 has three conductors.
*2. Not applicable to timer adjuster models E3S-AT61 and E3S-AT81.
5.5
7
3.6
Timer adjuster
(black) *2
21
Sensitivity
adjuster (white)
13.5
(4)
10.5
20
12
12.4
20
Two, M3
× 12 screws
8.8 dia.
Operation mode
selector switch
Two, M3 holes
4-dia. vinyl-insulated
round cable with
4 conductors
(Conductor cross
section: 0.2 mm2,
Insulator diameter:
1.1 mm),
Standard length: 2 m
*1
Lens (7
× 7)
Optical axis
Light indicator (red)
Stability indicator
(green)
Mounting Holes
29.2
1.2 10.7
3.1
20
47.2
5.5 5.4
7.2
16.9
28.9
10.5
20
20
8.3
Stainless
steel
(SUS304)
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
A*
Two, M3
× 12 screws
With Mounting Bracket Attached
E3S-AT61/81 (Emitter)
E3S-AT71/91 (Emitter)
29.2
1.2 10.7
*The Mounting Bracket can be attached to side A.
A*
Two, M3
× 12 screws
Two, M3 holes
4-dia. vinyl-insulated
round cable
with 2 conductors
(Conductor cross
section: 0.2 mm2,
Insulator diameter:
1.1 mm),
Standard length: 2 m *
Lens (7
× 7)
Optical axis
Power indicator (red)
Power indicator (red)
Mounting Holes
8.5
21
*The E3S-AT71 of E3S-AT91
has three conductors.
1.3
10.5
20
12.5
3.6
Turbo switch
21
40
13.5
(4)
8.8 dia.
12
12.4
20
http://www.ia.omron.com/
14
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com