Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # E39-R1
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 16Page - Omron Electronics LLC E39-R1 Datasheet HTML 17Page - Omron Electronics LLC E39-R1 Datasheet HTML 18Page - Omron Electronics LLC E39-R1 Datasheet HTML 19Page - Omron Electronics LLC E39-R1 Datasheet HTML 20Page - Omron Electronics LLC E39-R1 Datasheet HTML 21Page - Omron Electronics LLC E39-R1 Datasheet HTML 22Page - Omron Electronics LLC E39-R1 Datasheet HTML 23Page - Omron Electronics LLC E39-R1 Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
E3S-A
Accessories (Order Separately)
Reflectors
Mounting Brackets
Insert-type Long Slit (For Through-beam Model)
E39-S46
Name
Dimensions A
Material
Quantity
Supporter
2 mm
Stainless steel
(SUS304)
One each for Emitter and
Receiver (total of 2)
Slits
0.5 mm
PVC
One each for Emitter and
Receiver (total of 4)
1 mm
A
A
21.4 13.6
9.7
11.6
6.8
2.1
A
2.1
21.4
11.6
6.8
*
Filters for Mutual Interference Prevention
(For Through-beam Model)
E39-E6
Material: Stainless steel (SUS304)
* Two of each for the Emitter and
Receiver (total of four)
25
59.9
7.5
40.9
11.2
15.9
11.7
9.7
7.9
11.6
Bracket to be attached
to the Emitter panel of
E3S-A
Material:
Reflector: Acryl
Back: ABS
Optical Axis Confirmation Reflector
(For Through-beam Model)
E39-R5
http://www.ia.omron.com/
20
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com