Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E39-R3
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 17Page - Omron Electronics LLC E39-R3 Datasheet HTML 18Page - Omron Electronics LLC E39-R3 Datasheet HTML 19Page - Omron Electronics LLC E39-R3 Datasheet HTML 20Page - Omron Electronics LLC E39-R3 Datasheet HTML 21Page - Omron Electronics LLC E39-R3 Datasheet HTML 22Page - Omron Electronics LLC E39-R3 Datasheet HTML 23Page - Omron Electronics LLC E39-R3 Datasheet HTML 24Page - Omron Electronics LLC E39-R3 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Photoelectric Sensors Technical Guide
General Precautions
For precautions on individual products, refer to Safety Precautions in individual product information.
These Sensors cannot be used in safety devices for
presses or other safety devices used to protect
human life. These Sensors are designed for use in
applications for sensing workpieces and workers
that do not affect safety.
To ensure safety, always observe the following precautions.
● Wiring
● Operating Environment
(1) Do not use a Sensor in an environment where there are explosive or inflammable gases.
(2) Do not use the Sensor in environments where the cables may become immersed in oil or other liquids or where liquids may penetrate the
Sensor. Doing so may result in damage from burning and fire, particularly if the liquid is flammable.
WARNING
Precautions for Safe Use
Item
Typical examples
Power Supply Voltage
Do not use a voltage in
excess of the operating
voltage range.
Applying a voltage in excess
of the operating voltage
range, or applying AC power
(100 VAC or greater) to a DC
Sensor may cause explosion
or burning.
---
Load Short-circuiting
Do not short-circuit the load.
Doing so may cause explo-
sion or burning.
Incorrect Wiring
Do not reverse the power
supply polarity or otherwise
wire incorrectly. Doing so
may cause explosion or
burning.
Connection without a
load
If the power supply is
connected directly without a
load, the internal elements
may burst or burn. Be sure to
insert a load when
connecting the power
supply.
Load
Sensor
Brown
Blue
Black
• DC Three-wire NPN Output Sensors
+
-
(Load
short
circuit)
Load
Sensor
Brown
Blue
Black
• DC Three-wire NPN Output Sensor
(Load short circuit)
Load
Sensor
Brown
Blue
• AC Two-wire Sensors
Example: E3E2
-
+
Load
Sensor
Brown
Blue
Black
• DC Three-wire NPN Output Sensors
Example: Incorrect Polarity
+
-
-
+
Load
Load
Sensor
Brown
Blue
Black
Sensor
Brown
Black
Blue
•
DC Three-wire NPN Output Sensors
Example: Incorrect Polarity Wiring
12 to
24VDC
0V
Sensor
Brown
Blue
Black
• DC Three-wire NPN Output Sensors
Sensor
Brown
Blue
• AC 2-wire Sensors
Example: E3E2 etc.
http://www.ia.omron.com/
C-1
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com