Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # E39-R3
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 19Page - Omron Electronics LLC E39-R3 Datasheet HTML 20Page - Omron Electronics LLC E39-R3 Datasheet HTML 21Page - Omron Electronics LLC E39-R3 Datasheet HTML 22Page - Omron Electronics LLC E39-R3 Datasheet HTML 23Page - Omron Electronics LLC E39-R3 Datasheet HTML 24Page - Omron Electronics LLC E39-R3 Datasheet HTML 25Page - Omron Electronics LLC E39-R3 Datasheet HTML 26Page - Omron Electronics LLC E39-R3 Datasheet HTML 27Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Photoelectric Sensors Technical Guide
Securing Fibers
The E3X Fiber Unit uses a one-touch locking mechanism. Use the
following methods to attach and remove Fiber Units.
(1) Attaching Fibers
Open the protective cover, insert the fiber up to the insertion mark on
the side of the Fiber Unit, and then lower the lock lever.
(2) Removing Fibers
Open the protective cover, lift up the lock lever, and pull out the fibers.
● Adjustments
Optical Axis Adjustment
Move the Photoelectric Sensor both vertically and horizontally and set
it in the center of the range in which the operation indicator is lit or not
lit. For the E3S-C, the optical axis and the mechanical axis are the
same, so the optical axis can be easily adjusted by aligning the
mechanical axis.
Optical axis:
The axis from the center of the lens to the center of
the beam for the Emitter and the axis from the
center of the lens to the center of the reception area
for the Receiver.
Mechanical axis: The axis perpendicular to the center of the lens.
Note:1.To maintain the fiber characteristics, make sure that the lock
is released before removing the fibers.
2. Lock and unlock the fibers at an ambient temperature of
−10 to 40°C.
9mm
Insertion
position
Locked
position
Lock released position
Protective cover
Lock lever
Fiber insertion mark
Fiber
Locked position
Lock released
position
Protective cover
l
1
2
Emitter
Receiver
Incident indicator or Operation indicator
ON
OFF
Incident indicator or Operation indicator
Optimum value
ON
OFF
Emitter
Receiver
Emission beam
Optical axis
Optical axis
Mechanical axis
Reception area
http://www.ia.omron.com/
C-5
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com