Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ-SC2M Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # FZ-SC2M
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC2M Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button FZ-SC2M Datasheet HTML 18Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 19Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 20Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 21Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 22Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 23Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 24Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 25Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
FH-Series
22
Cameras / Cables Connection Table
Camera Cables
Model
Cable
length
High-speed Digital CMOS cameras
300,000-pixel
2 million-pixel
4 million-pixel
12 million-pixel
FH-SM/SC
FH-SM02/SC02
FH-SM04/SC04
FH-SM12/SC12
---
High speed mode
of transmission
speed select
Standard mode
of transmission
speed select
High speed mode
of transmission
speed select
Standard mode
of transmission
speed select
High speed mode
of transmission
speed select
Standard mode
of transmission
speed select
Camera Cables
Right-angle
camera cables
FZ-VS3
FZ-VSL3
2 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
3 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
5 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
10 m
Yes
No
Yes
No
Yes
No
Yes
Bend resistant
camera cables
Bend resistant
Right-angle
Camera Cable
FZ-VSB3
FZ-VSLB3
2 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
3 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
5 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
10 m
Yes
No
Yes
No
Yes
No
Yes
Super Bend
resistant
Camera Cable
FZ-VSBX
5 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
10 m
Yes
No
Yes
No
Yes
No
Yes
Long-distance
camera cable
Long-distance
right-angle
camera cable
FZ-VS4
FZ-VSL4
15 m
Yes
No
Yes
No
Yes
No
Yes
Camera Cables
Model
Cable
length
High-speed Digital CMOS cameras
400,000-pixel
1.6 million-pixel
3.2 million-pixel
5 million-pixel
12 million-pixel
FH-SMX/SCX
FH-SMX01/SCX01
FH-SMX03/SCX03
FH-SMX05/SCX05
FH-SMX12/SCX12
High speed
mode of
transmission
speed select
Standard
mode of
transmission
speed select
High speed
mode of
transmission
speed select
Standard
mode of
transmission
speed select
High speed
mode of
transmission
speed select
Standard
mode of
transmission
speed select
High speed
mode of
transmission
speed select
Standard
mode of
transmission
speed select
High speed
mode of
transmission
speed select
Standard
mode of
transmission
speed select
Camera Cables
Right-angle
camera cables
FZ-VS3
FZ-VSL3
2 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
3 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
5 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
10 m
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
Bend resistant
camera cables
Bend resistant
Right-angle
Camera Cable
FZ-VSB3
FZ-VSLB3
2 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
3 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
5 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
10 m
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
Super Bend
resistant
Camera Cable
FZ-VSBX
5 m
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
10 m
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
Long-distance
camera cable
Long-distance
right-angle
camera cable
FZ-VS4
FZ-VSL4
15 m
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
Camera Cables
Model
Cable
length
Digital CMOS Camera
Digital CCD cameras
5 million-pixel
20.4 million-pixel
5 million-pixel
300,000-pixel
2 million-pixel
FH-SM05R/
SC05R
FH-SM21R/SC21R
FZ-S5M3/
SC5M3
FZ-S/SC
FZ-S2M/SC2M
---
High speed mode
of transmission
speed select
Standard mode of
transmission
speed select
---
---
---
Camera Cables
Right-angle
camera cables
FZ-VS3
FZ-VSL3
2 m
Yes
Yes
Yes
Yes
Yes
Yes
3 m
Yes
Yes
Yes
Yes
Yes
Yes
5 m
Yes
Yes
Yes
Yes
Yes
Yes
10 m
Yes
No
Yes
No
Yes
Yes
Bend resistant
camera cables
Bend resistant
Right-angle
Camera Cable
FZ-VSB3
FZ-VSLB3
2 m
Yes
Yes
Yes
Yes
Yes
Yes
3 m
Yes
Yes
Yes
Yes
Yes
Yes
5 m
Yes
Yes
Yes
Yes
Yes
Yes
10 m
Yes
No
Yes
No
Yes
Yes
Super Bend
resistant
Camera Cable
FZ-VSBX
5 m
Yes
Yes
Yes
Yes
Yes
Yes
10 m
Yes
No
Yes
No
Yes
Yes
Long-distance
camera cable
Long-distance
right-angle
camera cable
FZ-VS4
FZ-VSL4
15 m
Yes
No
Yes
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com