Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ-SC2M Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # FZ-SC2M
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC2M Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button FZ-SC2M Datasheet HTML 45Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 46Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 47Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 48Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 49Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 50Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 51Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 52Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
FH-Series
49
Field of vision (mm)
100
1,000
10
100
1,000
VS-LLD12.5
VS-LLD18
VS-LLD25
VS-LLD35
VS-LLD50
5,000
High-speed Digital CMOS Camera
FH-S
@X12
12 million-pixel
(Using 3Z4S-LE VS-LLD Series)
Note:The 3Z4S-LE VS-LDD Series cannot be used with
an extension tube.
Field of vision (mm)
100
1,000
10
100
1,00
5,000
VS-LLD12.5
VS-LLD18
VS-LLD25
VS-LLD35
VS-LLD50
Digital CMOS Camera
FH-S
@21R
20.4 million-pixel
(Using 3Z4S-LE VS-LLD Series)
Note:The 3Z4S-LE VS-LDD Series cannot be used with
an extension tube.
* The vertical axis represents WD, not installation distance.
1
t20
t20
t15
t25
t15
t10
t30
t40
t45
t50
t55
t60
t35
t10
t5
t5
t0
t0
t0
t0
10
100
1,000
10
100
1,000
10,000
FZ-LES30
FZ-LES16
FZ-LES6
FZ-LES3
Field of vision (mm)
Small Digital CCD Cameras
FZ-SF
@,
FZ-SP
@
300,000-pixel
(Using FZ-LES Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com