Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R21 Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # E32-R21
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 26Page - Omron Electronics LLC E32-R21 Datasheet HTML 27Page - Omron Electronics LLC E32-R21 Datasheet HTML 28Page - Omron Electronics LLC E32-R21 Datasheet HTML 29Page - Omron Electronics LLC E32-R21 Datasheet HTML 30Page - Omron Electronics LLC E32-R21 Datasheet HTML 31Page - Omron Electronics LLC E32-R21 Datasheet HTML 32Page - Omron Electronics LLC E32-R21 Datasheet HTML 33Page - Omron Electronics LLC E32-R21 Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
E3X-NH
E3X-NH
30
E32-R21
(One E39-R3 Re-
flector is supplied
with the Sensor.)
E32-D73
Note:
Section A resists 400
°C, section B resists 300°C, and section C (which is inserted to the Amplifier)
resists 110
°C. The operating temperature of the section to be inserted (marked with *) must be within
the operating temperature range of the Amplifier.
1.0 dia.
SUS303
Two hexagon clamping nuts
Two toothed washers
Sensing head
1.25 dia.
SUS flexible tube
Hexagon
clamping
screw
Sleeve
1.65 dia. 2.5 dia.
4 dia.
2.8 dia.
5 dia.
M4 x 0.7 (SUS303)
(see note)
Lens
(PMMA)
Silicone tube
Optical fibers,
two, 1 dia.
Two fiber attachments (E39-F9)
Sensing
head
(ABS)
Two hexagon clamping nuts
Two washers
M6 x 0.75
5 dia.
E32-R16
(One E39-R1
Reflector is
supplied with
the Sensor.)
Lens (PMMA)
Mounting bracket (attachment)
Two, M3 screws (attachment)
Optical fiber, two, 2.2 dia.
Standard length: 2 m
Sensing head (ABS)
E32-L25
E32-L25A
Note:
The fiber for the emitter is
identified by a white line.
Optical fiber, two, 2.2 dia.
Two, 3.2 dia.,
6 dia. spot facing
Two, 3.2 dia.,
6 dia. spot facing
Optical fiber,
two, 2.2 dia.
Sensing head (heat resistive ABS)
Sensing head
(heat resistive
ABS)
Sensing distance
Sensing distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com