Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R21 Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # E32-R21
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 30Page - Omron Electronics LLC E32-R21 Datasheet HTML 31Page - Omron Electronics LLC E32-R21 Datasheet HTML 32Page - Omron Electronics LLC E32-R21 Datasheet HTML 33Page - Omron Electronics LLC E32-R21 Datasheet HTML 34Page - Omron Electronics LLC E32-R21 Datasheet HTML 35Page - Omron Electronics LLC E32-R21 Datasheet HTML 36Page - Omron Electronics LLC E32-R21 Datasheet HTML 37Page - Omron Electronics LLC E32-R21 Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
E3X-NH
E3X-NH
36
Do not apply excess force on the Fiber Units.
Fiber Unit
Nylon wireholder
Correct
Incorrect
Metal holder
The Fiber Head could be break by excessive vibration. To prevent
this, the following is effective:
Bending Radius
E39-F11 Sleeve Bender
The bending radius of the stainless tube should be as large as pos-
sible. The smaller the bending radius becomes, the shorter the
sensing distance will be.
Insert the tip of the stainless tube to the Sleeve Bender and bend the
stainless tube slowly along the curve of the Sleeve Bender (refer to
the figure).
Fiber tip position mark
Do not bend here.
1.2 dia.
max.
1.3 dia.
min.
1.2 dia.
max.
R 12.5
R 7.5
R 10
R 5
Stainless tube
90o max.
10
10
Amplifier Units
Mounting
Mounting
1. Mount the front part on the mounting bracket (attachment) or
a DIN track.
2. Press the back part onto the mounting bracket or the DIN
track.
Note:
Do not mount the back part onto the mounting bracket or
the DIN track first and then mount the front part on the
mounting bracket or the DIN track, or the mounting strength
of the Amplifier Unit may decrease.
(1)
DIN track
Dismounting
By pressing the Amplifier Unit in direction (3) and lifting the fiber in-
sertion part in direction “4” as shown in the following, the Amplifier
can be dismounted with ease.
(3)
In the case of side mounting, attach the mounting bracket on the
Amplifier first, and secure the Amplifier with M3 screws and wash-
ers. The diameter of the washers should be 6 mm max.
Tape
A one-turn loop can
absorb vibrations
(4)
DIN track
(2)
Washers
(6 dia. max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com