Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E39-R1
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E39-R1 Datasheet HTML 1Page - Omron Electronics LLC E39-R1 Datasheet HTML 2Page - Omron Electronics LLC E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
E3X-NH
E3X-NH
2
Fiber Units
Through-beam/Slot Sensors
Indicates models that allow free cutting. Models without this mark do not allow free cutting.
: E3X-NH
j
: E3X-NHB
j
Application
Features
Appearance
Sensing distance (mm) *
(Values in parentheses: when
using the E39-F1 Lens Unit)
Standard object
(min. sensing
object: opaque)
Model
Permis-
sible
bending
radius
Long distance
M4
M4 screw
(2,000)
90 (250)
700
1.4-mm dia.
(0.06-mm dia.)
E32-T11L
25 mm
3 dia.
3-mm dia.
700
90
E32-T12L
M3
M3 screw
200
0.9-mm dia.
(0.04-mm dia.)
E32-T21L
2 dia.; small diameter
2-mm dia.
200
E32-T22L
M14; with lens; ideal
for explosion-proof
applications
M4 screw
14,000
2,000
10-mm dia.
(0.2-mm dia.)
E32-T17L
General-pur-
pose
M4
M4 screw
(3,000)
55 (420)
400
1.0-mm dia.
(0.04-mm dia.)
E32-TC200
25 mm
M3; possible to
mount the reflective
side-view conversion
attachment E39-F5
M3 screw
360
55
E32-TC200A
M3; for detecting
minute sensing
objects
M3 screw
100
0.5-mm dia.
(0.04-mm dia.)
E32-TC200E
Thin fiber
2 dia.; for detecting
minute sensing
objects
2-mm dia.
100
0.5-mm dia.
(0.04-mm dia.)
E32-T22
25 mm
1.2 dia.; with sleeve
M4 screw
90 mm (40 mm)
( ): E32-TC200B4
1.2 dia.
400
55
1.0-mm dia.
(0.04-mm dia.)
E32-TC200B
E32-TC200B4
0.9 dia.; with sleeve
M3 screw
90 mm (40 mm)
( ): E32-TC200F4
0.9 dia.
100
0.5-mm dia.
(0.04-mm dia.)
E32-TC200F
E32-TC200F4
Flexible (resists
breaking) (R1)
Possible to bend like
electric wires (R1);
M4 screw
280
(2,100)
1-mm dia.
(0.1-mm dia.)
E32-T11R
1 mm
M3 screw
60
0.5-mm dia.
(0.1-mm dia.)
E32-T21R
Flexible (resists
breaking) (R4);
Ideal for mounting
on moving sections
(R4)
M4 screw
360
50
1.0-mm dia.
(0.04-mm dia.)
E32-T11
4 mm
M3 screw
100
0.5-mm dia.
(0.04-mm dia.)
E32-T21
Side-view
Long distance;
space-saving
3-mm dia.
240
30
1.0-mm dia.
(0.08-mm dia.)
E32-T14L
25 mm
Suitable for
detecting minute
sensing objects
1-mm dia.
90
0.5-mm dia.
(0.04-mm dia.)
E32-T24
Screw-mounting type
1,800
200
4.0-mm dia.
(0.08-mm dia.)
E32-T14
Note:
1. For common specifications of the Fiber Unit, refer to page 6.
2. The size of standard sensing object is the same as the fiber core diameter (lens diameter for models with lens).
3. The sensing distance of the minimum sensing object indicates the rated sensing distance unless otherwise specified.
4. Curled-cord models are also available for through-beam and reflective models.
*
Sensing distance indicates values for white paper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com