Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E39-R1
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 17Page - Omron Electronics LLC E39-R1 Datasheet HTML 18Page - Omron Electronics LLC E39-R1 Datasheet HTML 19Page - Omron Electronics LLC E39-R1 Datasheet HTML 20Page - Omron Electronics LLC E39-R1 Datasheet HTML 21Page - Omron Electronics LLC E39-R1 Datasheet HTML 22Page - Omron Electronics LLC E39-R1 Datasheet HTML 23Page - Omron Electronics LLC E39-R1 Datasheet HTML 24Page - Omron Electronics LLC E39-R1 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
E3X-NH
E3X-NH
21
Positioning/No-object Teaching
• Ideal if it is impossible to perform teaching with the sensing
object stationary in the sensing area.
• Ideal for high-precision positioning.
• Ideal for teaching with only background objects for the detection
of bright or dark objects.
Reflective (Light-ON) Fiber Unit
1. Press the SET button without sensing object in the sensing
area.
Tentatively set the threshold to the value that is
±6% of the in-
cident level.
6%
Incident level without
background object
or sensing object.
6%
Large
Small
Light
Threshold
Threshold
Note:
If the incident is low at the time of teaching and the threshold
cannot be set to the position corresponding to -6% of the
incident level, the sensitivity will be set to maximum auto-
matically when the E3X-NH is in RUN mode.
2. Detecting the first object in RUN/ADJ mode.
Tuning
range
6%
18%
18%
Incident
level
indicator
Threshold
indicator
Large
Small
Light
Threshold
Sensing object
The Photoelec-
tric Sensor
works in reflec-
tive operation
because the in-
cident in-
creases.
The number of lit
indicators of the inci-
dent level indicators
depends on the inci-
dent. The threshold
is set to 7.
Through-beam (Dark-ON) Fiber Unit
1. Press the SET button without sensing object in the sensing
area.
Tentatively set the threshold to the value that is
±6% of the in-
cident level.
6%
6%
Large
Small
Light
Threshold
Threshold
Incident level without
background object
or sensing object.
Note:
If the incident is low at the time of teaching and the threshold
cannot be set to the position corresponding to -6% of the
incident level, the sensitivity will be set to maximum auto-
matically when the E3X-NH is in RUN mode.
2. Detecting the first object in RUN/ADJ mode.
6%
18%
18%
Large
Small
Light
Threshold
Incident
level
indicator
Threshold
indicator
Sensing object
The Photoelectric
Sensor works in
through-beam
operation
because the inci-
dent decreases.
The number of lit
indicators of the inci-
dent level indicators
depends on the inci-
dent. The threshold
is set to 7.
Tuning
range
Threshold vs. Indicators after Auto-tuning Setting
1. Set the initial threshold by performing positioning/no-object teaching in TEACH mode.
2. Press the SET button for three seconds minimum in ADJ mode.
Initial threshold
for auto-tuning
Tuning
range
18%
18%
Incident
level
indicator
Threshold
indicator
Large
Small
Light
Threshold
The number of lit indicators of the
incident level indicators depends
on the incident. The threshold is
set to 7.
Taking into consideration the vibration of the sensing objects on the in-line operation, sample the incident with the first five sensing ob-
jects after setting the threshold and set the threshold again to the middle value between the highest and lowest incident values obtained
with the sensing objects. The E3X-NH will then perform auto-tuning within a range of
±18% of this value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com