Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9SX-AD322-T15-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G9SX-AD322-T15-R
Description  Hall Coded Non-contact Safety Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SX-AD322-T15-R Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G9SX-AD322-T15-R Datasheet HTML 2Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 3Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 4Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 5Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 6Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 7Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 8Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 9Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
F3S-TGR-N
@C
6
Operating characteristics
Connection diagram
Cable version
M1J8-Connector version (M12 male)
Note: If the auxiliary circuit is not fitted or not used then cut and discard the yellow/green or yellow/pink conductors.
5 mm misalignment tolerance after setting
-5
-4
-3
L
-2
-1
0
1
2
3
45
red
blue
white
black
yellow
green
brown
orange
+24 VDC
NC Channel 1/+
Aux. NO Channel/–
NC Channel 2/+
GND
NC Channel 1/–
Aux. NO Channel/+
NC Channel 2/–
Pin No.
Signal name
brown
green
white
blue
yellow
pink
grey
red
2
3
1
7
4
6
5
8
NC Channel 1/+
Aux. NO Channel/–
NC Channel 2/+
NC Channel 1/–
+24 VDC
GND
Aux. NO Channel/+
NC Channel 2/–
Pin No.
(male side)
Signal
Wire
Y92E-M12PURSH8S_M-L
7
1
6
5
4
3
2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com