Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9SX-AD322-T15-R Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # G9SX-AD322-T15-R
Description  Hall Coded Non-contact Safety Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SX-AD322-T15-R Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button G9SX-AD322-T15-R Datasheet HTML 6Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 7Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 8Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 9Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 10Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 11Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 12Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 13Page - Omron Electronics LLC G9SX-AD322-T15-R Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
F3S-TGR-N
@C
12
T-Connector and Connection Cable
Series connection with 2 or 3 Sensors for example with G9SA-301
(up to Safety PLd acc. EN ISO 13849-1)
F39-TGR-NT
brown
blue
white
yellow
pink
green
F39-TGR-NT
Y92E-M12PURSH8S_M-L
Lenght: 2 m, 5 m, 10 m or 25 m
Y92E-M12FSM12MSPURSH8_M-L
Length: 0.6 m, 2 m, 5 m or 10 m
Y92E-M12FSM12MSPURSH8_M-L
Length: 0.6 m, 2 m, 5 m or 10 m
+24 V
GND
A1
A2
T11
T12
T21
T22
T31
T32
KM1
KM2
Start
Feed-
back-
loop
13
14
M
KM1
KM2
G9SA-301
+Us
GND
KM1
KM2
33
34
Sensor
Actuator
F3S-TGR-N_C-M1J8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com