Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R81K-M3J Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E3Z-R81K-M3J
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R81K-M3J Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E3Z-R81K-M3J Datasheet HTML 8Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 9Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 10Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 11Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 12Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 13Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 14Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 15Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
E3Z
Plugs (Sensor I/O Connectors)
Nomenclature
2
4
1
3
1
2
3
4
Brown
White
Blue
Black
Wire color
XS3F-M421-402-A
XS3F-M421-405-A
XS3F-M422-402-A
XS3F-M422-405-A
Pin arrangement
Note: Pin 2 is not used.
Classifi-
cation
Wire
color
Connector
pin No.
Application
DC
Brown
1
Power supply (+V)
White
2
−
Blue
3
Power supply (0 V)
Black
4
Output
M8 connector
Through-beam Models
E3Z-T
@@
(Receiver)
E3Z-T
@@A (Receiver)
Retro-reflective Models
E3Z-R
@@
E3Z-B
@@
Diffuse-reflective Models
E3Z-D
@@
Narrow-beam Reflective Models
E3Z-L
@@
Limited reflective Models
E3Z-L
@@
Stability indicator
(green)
Operation selector
Operation indicator
(orange)
Sensitivity adjuster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com