Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R81K-M3J Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3Z-R81K-M3J
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R81K-M3J Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3Z-R81K-M3J Datasheet HTML 1Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 2Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 3Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 4Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 5Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 6Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 7Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 8Page - Omron Electronics LLC E3Z-R81K-M3J Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
E3Z
Oil-resistive Sensors [Refer to Dimensions on page 14.]
*1. The Reflector is sold separately. Select the Reflector model most suited to the application.
*2. The sensing distance specified is possible when the E39-R1S is used. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*3. Through-beam Sensors are normally sold in sets that include both the Emitter and Receiver.
*4. M12 Standard Pre-wired Connector Models are also availavble.
When ordering, add "-M1J 0.3M" to the end of the model number (e.g., E3Z-T61-M1J 0.3M).
The cable is 0.3 m long.
Accessories (Order Separately)
Slit (A Slit is not provided with Through-beam Sensors) Order a Slit separately if required. [Refer to Dimensions on page 16.]
Reflectors (Reflector required for Retroreflective Sensors) A Reflector is not provided with the Sensor. Be sure to order a Reflector separately.
[Refer to Dimensions on E39-L/E39-S/E39-R]
Note: 1. If you use the Reflector at any distance other than the rated distance, make sure that the stability indicator lights properly when you install the Sensor.
2. Refer to Reflectors on E39-L/E39-S/E39-R for details.
* Values in parentheses indicates the minimum required distance between the Sensor and Reflector.
Mutual Interference Protection Filter A Filter is not provided with the Sensor (for the through-beam E3Z-T
@@A). Order a Filter separately if required.
Note: The polarization directions of the Filters are offset by 90º to prevent interference. When you install the Emitter and Receiver, install them at the same angle to
maintain this offset.
Sensing method
Appearance
Connection method
Sensing distance
Model
NPN output
PNP output
Through-beam
(Emitter + Receiver) *3
Pre-wired (2 m)
E3Z-T61K 2M *4
E3Z-T81K 2M *4
Emitter
E3Z-T61K-L 2M
Receiver E3Z-T61K-D 2M
Emitter
E3Z-T81K-L 2M
Receiver E3Z-T81K-D 2M
Pre-wired M8 connector
E3Z-T61K-M3J 0.3M
E3Z-T81K-M3J 0.3M
Emitter
E3Z-T61K-L-M3J 2M
Receiver E3Z-T61K-D-M3J 2M
Emitter
E3Z-T81K-L-M3J 2M
Receiver E3Z-T81K-D-M3J 2M
Retro-reflective with
MSR function
*1
Pre-wired (2 m)
*2
E3Z-R61K 2M *4
E3Z-R81K 2M
Pre-wired M8 connector
E3Z-R61K-M3J 0.3M
E3Z-R81K-M3J 0.3M
Diffuse-reflective
Pre-wired (2 m)
E3Z-D61K 2M *4
E3Z-D81K 2M
Pre-wired M8 connector
E3Z-D61K-M3J 0.3M
E3Z-D81K-M3J 0.3M
Pre-wired (2 m)
E3Z-D62K 2M *4
E3Z-D82K 2M
Pre-wired M8 connector
E3Z-D62K-M3J 0.3M
E3Z-D82K-M3J 0.3M
Red light
Infrared light
15 m
3 m (150 mm)
5 to 100 mm (wide view)
1 m
Slit width
Sensing distance
Minimum detectable object
(Reference value)
Model
Contents
E3Z-T
@@
E3Z-T
@@A
0.5-mm dia.
50 mm
35 mm
0.2-mm dia.
E39-S65A
One set
(contains Slits for
both the Emitter and
Receiver)
1-mm dia.
200 mm
150 mm
0.4-mm dia.
E39-S65B
2-mm dia.
800 mm
550 mm
0.7-mm dia.
E39-S65C
0.5
× 10 mm
1 m
700 mm
0.2-mm dia.
E39-S65D
1
× 10 mm
2.2 m
1.5 m
0.5-mm dia.
E39-S65E
2
× 10 mm
5 m
3.5 m
0.8-mm dia.
E39-S65F
Name
Sensing distance *
Model
Quantity
Remarks
E3Z-R
E3Z-R
@K
E3Z-B
@1/-B@6 E3Z-B@2/-B@7
Rated value
(sensing
distance of 15 m)
Reference value
(sensing
distance of 10 m)
Rated value
Rated value
Rated value
Reflector
3 m (100 mm)
---
2 m (100 mm)
---
---
E39-R1
1
• Retro-reflective
models are not
provided with
Reflectors.
• The MSR function
is enabled.
4 m (100 mm)
---
3 m (150 mm)
500 mm (80 mm)
2 m (500 mm)
E39-R1S
1
---
5 m (100 mm)
---
---
---
E39-R2
1
---
2.5 m (100 mm)
---
---
---
E39-R9
1
---
3.5 m(100 mm)
---
---
---
E39-R10
1
Fog Preventive
Coating
---
3 m (100 mm)
---
500 mm (80 mm)
2 m (500 mm)
E39-R1K
1
Small Reflector
---
1.5 m (50 mm)
---
---
---
E39-R3
1
Tape Reflector
---
700 mm (150 mm)
---
---
---
E39-RS1
1
---
1.1 m (150 mm)
---
---
---
E39-RS2
1
---
1.4 m (150 mm)
---
---
---
E39-RS3
1
Sensing distance
Appearance/Dimensions
Model
Quantity
Remarks
3 m
E39-E11
Two sets each for the
Emitter and Receiver
(total of four pieces)
Can be used with the E3Z-T
@@A Through-
beam models. The arrow indicates the direc-
tion of polarized light. Mutual interference
can be prevented by altering the direction of
polarized light from or to adjacent Emitters
and Receivers.
0.2
1
4.9
10.8
7.4
11.2
31.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com