Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMCSD491 Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # HMCSD491
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD491 Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button HMCSD491 Datasheet HTML 19Page - Omron Electronics LLC HMCSD491 Datasheet HTML 20Page - Omron Electronics LLC HMCSD491 Datasheet HTML 21Page - Omron Electronics LLC HMCSD491 Datasheet HTML 22Page - Omron Electronics LLC HMCSD491 Datasheet HTML 23Page - Omron Electronics LLC HMCSD491 Datasheet HTML 24Page - Omron Electronics LLC HMCSD491 Datasheet HTML 25Page - Omron Electronics LLC HMCSD491 Datasheet HTML 26Page - Omron Electronics LLC HMCSD491 Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
Ratings and Performance
Sensor [Inspection Model FQ2-S1/S2/S3 Series]
* The maximum number of registerable scenes depends on settings due to restrictions on memory.
Item
Single-function type
Standard type
High-resolution type
Model
NPN
FQ2-S10
@@@@
FQ2-S20
@@@@
FQ2-S30
@@@@-08 FQ2-S30@@@@-08M
FQ2-S30-13
FQ2-S30-13M
PNP
FQ2-S15
@@@@
FQ2-S25
@@@@
FQ2-S35
@@@@-08 FQ2-S35@@@@-08M
FQ2-S35-13
FQ2-S35-13M
Field of view
Refer to Ordering Information on p.19. (Tolerance (field of view):
±10% max.)
Select a lens according to the field of view
and installation distance.
Refer to the optical chart on p.30.
Installation distance
Main
functions
Inspection items
Shape Search III, Shape Search II, Search, sensitive search, area, color data, edge position, edge pitch, edge width, and labeling
Number of simultaneous
measurements
132
Position compensation Supported (360º Model position compensation, Edge position compensation, Linear correction)
Number of
registered scenes
8 *
32 *
Calibration
Supported
Image
input
Image processing
method
Real color
Monochrome
Real color
Monochrome
Image filter
High dynamic range (HDR), image adjustment (Color Gray Filter, Weak smoothing, Strong smoothing, Dilate, Erosion, Median,
Extract edges, Extract horizontal edges, Extract vertical edges, Enhance edges, Background suppression), polarizing filter
(attachment), and white balance (Sensors with Color Cameras only), Brightness Correction
Image elements
1/3-inch color CMOS
1/2-inch color CMOS
1/2-inch
Monochrome CMOS
1/2-inch color CMOS
1/2-inch
Monochrome CMOS
Shutter
Built-in lighting ON: 1/250 to 1/50,000s
Built-in lighting OFF: 1/1 to 1/50,000s
Built-in lighting ON: 1/250 to 1/60,000s
Built-in lighting OFF: 1/1 to 1/4155s
1/1 to 1/4155s
Processing resolution
752
× 480
928
× 828
1280
× 1024
Partial input function
Supported horizontally only.
Supported horizontally and vertically
Image display
Zoom-in/Zoom-out/Fit, Rotating by 180
°
Lens mounts
---
C-mount
Lighting
Lighting method
Pulse
---
Lighting color
White
---
Data
logging
Measurement data
In Sensor: 1,000 items (If a Touch Finder is used, results can be saved up to the capacity of an SD card.)
Images
In Sensor: 20 images (If a Touch Finder is used, images can be saved up to the capacity of an SD card.)
Auxiliary function
Statistical data, Test Measurements, I/O monitor, Password function, Simulation software, Sensor error history, Calibration,
Math (arithmetic, calculation functions, trigonometric functions, and logic functions)
Measurement trigger
External trigger (single or continuous)
Communications trigger (Ethernet TCP no-protocol, Ethernet UDP no-protocol, Ethernet FINS/TCP no-protocol, EtherNet/IP,
PLC Link , or PROFINET)
I/O
specificati
ons
Input signals
7 signals
• Single measurement input (TRIG)
• Control command input (IN0 to IN5)
Output signals
3 signals
• Control output (BUSY)
• Overall judgement output (OR)
• Error output (ERROR)
Note: The assignments of the three output signals (OUT0 to OUT2) can also be changed to the following:
• READY
• RUN
• STG (Strobe trigger)
• OR0 (Item0 judgement) to OR31 (Item31 judgement)
• Exp.0 judgement to Exp.31 judgement
Ethernet specifications 100Base-TX/10Base-T
Communications
Ethernet TCP no-protocol, Ethernet UDP no-protocol, Ethernet FINS/TCP no-protocol, EtherNet/IP, PLC Link , or PROFINET
I/O expansion
---
---
Possible by connecting FQ-SDU1_ Sensor Data Unit. 11 inputs and 24 outputs
RS-232C
---
---
Possible by connecting FQ-SDU2_ Sensor Data Unit. 8 inputs and 7 outputs
Ratings
Power supply voltage 21.6 to 26.4 VDC (including ripple)
Current consumption 2.4 A max.
0.3 A max.
Environme
ntal
immunity
Ambient
temperature
range
Operating: 0 to 50ºC
Storage: -25 to 65ºC
(with no icing or condensation)
Operating: 0 to 40ºC
Storage: -25 to 65ºC
(with no icing or condensation)
Ambient humidity range Operating and storage: 35% to 85% (with no condensation)
Ambient atmosphere No corrosive gas
Vibration resistance
(destruction)
10 to 150 Hz, single amplitude: 0.35 mm, X/Y/Z directions
8 min each, 10 times
Shock resistance
(destruction)
150 m/s2 3 times each in 6 direction (up, down, right, left, forward, and backward)
Degree of
protection
IEC 60529 IP67 (Except when Polarizing Filter Attachment is mounted
or connector cap is removed.)
IEC 60529 IP40
Materials
Sensor: PBT, PC, SUS
Mounting Bracket: PBT
Polarizing Filter Attachment: PBT, PC
Ethernet connector: Oil-resistance vinyl compound
I/O connector: Lead-free heat-resistant PVC
Cover: Zinc-plated steel,
Thickness: 0.6 mm
Case: Aluminum diecast alloy (ADC-12)
Mounting base: Polycarbonate ABS
Weight
Narrow View/Standard View:Approx.160 g
Wide View:Approx.150 g
Approx. 160 g without base,
Approx. 185 g with base
Accessories included
with sensor
Mounting Bracket (FQ-XL) (1)
Polarizing Filter Attachment (FQ-XF1) (1)
Instruction Manual , Member Registration Sheet
Mounting Base (FQ-XLC) (1)
Mounting Screw (M3
× 8mm) (4)
Instruction Manual, Member Registration Sheet
LED class
Risk Group 2 (IEC62471)
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com