Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMCSD491 Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # HMCSD491
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD491 Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button HMCSD491 Datasheet HTML 21Page - Omron Electronics LLC HMCSD491 Datasheet HTML 22Page - Omron Electronics LLC HMCSD491 Datasheet HTML 23Page - Omron Electronics LLC HMCSD491 Datasheet HTML 24Page - Omron Electronics LLC HMCSD491 Datasheet HTML 25Page - Omron Electronics LLC HMCSD491 Datasheet HTML 26Page - Omron Electronics LLC HMCSD491 Datasheet HTML 27Page - Omron Electronics LLC HMCSD491 Datasheet HTML 28Page - Omron Electronics LLC HMCSD491 Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
Sensor [ID Model FQ2-CH, FQ-CR1/CR2 Series]
Item
Optical Character Recognition Sensor
Multi Code Reader
2D Code Reader
Model
NPN
FQ2-CH10
@@@@-M
FQ-CR10
@@@@-M
FQ-CR20
@@@@-M
PNP
FQ2-CH15
@@@@-M
FQ-CR15
@@@@-M
FQ-CR25
@@@@-M
Field of view
Refer to Ordering Information on p.19. (Tolerance (field of view):
±10% max.)
Installation distance
Main
functions
Inspection items
OCR
⋅ Alphabet A to Z
⋅ Number
0 to 9
⋅ Symbol
' - . : /
Model dictionary
2D Code (Data Matrix (ECC200), QR Code,
MicroQR Code, PDF417, MicroPDF417,
GS1-DataMatrix)
2D Code
(Data Matrix (ECC200), QR Code)
Bar Code (JAN/EAN/UPC, Code39,
Codabar (NW-7), ITF (Interleaved 2 of 5),
Code 93, Code128/GS1-128,
GS1 DataBar* (Truncated,Stacked,
Omni-directional, Stacked
Omnidirectional,Limited, Expanded,
Expanded Stacked), Pharmacode, GS1-128
Composite Code (CC-A, CC-B, CC-C))
Image filter
Weak smoothing, Strong smoothing, Dilate,
Erosion, Median, Extract edges, Extract
horizontal edges, Extract vertical edges,
Enhance edges, Background suppression
None
Filter function (Smooth, Dilate, Erosion,
Median), Code Error Correction Position
Display
Verification function
Supported
Supported
None
Retry function
Normal retry, Exposure retry, Scene retry,
Trigger retry
None
Normal retry, Exposure retry, Scene retry,
Trigger retry
Number of simultaneous
measurements
32
Position compensation
Supported (360º Model position compensation, Edge position compensation, Linear correction)
None
Number of registered scenes
32
Image
input
Image processing method
Monochrome
Image filter
High dynamic range (HDR), polarizing filter
(attachment), Brightness Correction
High dynamic range (HDR), polarizing filter (attachment)
Image elements
1/3-inch Monochrome CMOS
Shutter
Built-in lighting ON: 1/250 to 1/50,000s
Built-in lighting OFF: 1/1 to 1/50,000s
1/250 to 1/30,000s
1/250 to 1/32,258s
Processing resolution
752
× 480
Partial input function
Supported horizontally only.
Image display
Zoom-in/Zoom-out/Fit, Rotating by 180
°
Zoom-in/Zoom-out/Fit
Lighting
Lighting method
Pulse
Lighting color
White
Data
logging
Measurement data
In Sensor: 1,000 items (If a Touch Finder is used, results can be saved up to the capacity of an SD card.)
Images
In Sensor: 20 images (If a Touch Finder is used, images can be saved up to the capacity of an SD card.)
Auxiliary function
Statistical data, Test Measurements, I/O monitor, Password function, Simulation software, Sensor error history, Calibration
Math function
Arithmetic, calculation functions, trigonometric functions, and logic functions
---
Measurement trigger
External trigger (single or continuous)
Communications trigger (Ethernet TCP no-protocol,
Ethernet UDP no-protocol, Ethernet FINS/TCP no-
protocol, EtherNet/IP, PLC Link, or PROFINET)
External trigger (single or continuous)
Communications trigger (Ethernet TCP no-protocol)
I/O
specificat
ions
Input signals
7 signals
• Single measurement input (TRIG)
• Control command input (IN0 to IN5)
Output signals
3 signals
• Control output (BUSY)
• Overall judgement output (OR)
• Error output (ERROR)
Note: The assignments of the three
output signals (OUT0 to OUT2) can
also be changed to the following:
• READY
• RUN
• STG (Strobe trigger)
• OR0 (Item0 judgement) to OR31 (Item31
judgement)
• Exp.0 judgement to Exp.31 judgement
3 signals
• Control output (BUSY)
• Overall judgement output (OR)
• Error output (ERROR)
Note:
Note:The three output signals can be allocated for the judgements of individual
inspection items.
Ethernet specifications
100Base-TX/10Base-T
Communications
Ethernet TCP no-protocol, Ethernet UDP
no-protocol, Ethernet FINS/TCP no-protocol,
EtherNet/IP, PLC Link, or PROFINET
Ethernet TCP no-protocol
I/O expansion
Possible by connecting FQ-SDU1_ Sensor
Data Unit. 11 inputs and 24 outputs
---
RS-232C
Possible by connecting FQ-SDU2_ Sensor Data Unit.
8 inputs and 7 outputs
---
Ratings
Power supply voltage
21.6 to 26.4 VDC (including ripple)
Current consumption
2.4 A max.
Environm
ental
immunity
Ambient temperature
range
Operating: 0 to 40ºC, Storage: -25 to 65ºC
(with no icing or condensation)
Operating: 0 to 50ºC, Storage: -25 to 65ºC
(with no icing or condensation)
Ambient humidity range Operating and storage: 35% to 85% (with no condensation)
Ambient atmosphere
No corrosive gas
Vibration resistance
(destruction)
10 to 150 Hz, single amplitude: 0.35 mm, X/Y/Z directions
8 min each, 10 times
Shock resistance
(destruction)
150 m/s2 3 times each in 6 direction (up, down, right, left, forward, and backward)
Degree of protection
IEC 60529 IP67 (Except when Polarizing Filter Attachment is mounted or connector cap is removed.)
Materials
Sensor: PBT, PC, SUS, Mounting Bracket: PBT, Polarizing Filter Attachment: PBT, PC
Ethernet connector: Oil-resistance vinyl compound, I/O connector: Lead-free heat-resistant PVC
Weight
Narrow View/Standard View:Approx.160 g Wide View:Approx.150 g
Accessories included with sensor
Mounting Bracket (FQ-XL) (1), Polarizing Filter Attachment (FQ-XF1) (1), Instruction Manual, Member Registration Sheet
LED class
Risk Group 2 (IEC62471)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com