Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-B-P1W Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LE-B-P1W
Description  OSRAM OSTAR® Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-B-P1W Datasheet(HTML) 4 Page - ams-OSRAM AG

  LE-B-P1W Datasheet HTML 1Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 2Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 3Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 4Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 5Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 6Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 7Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 8Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LE B P1W
4 Version 1.17 | 2020-11-05
Brightness Groups
Group
Total radiant flux 1)
Total radiant flux 1)
I
F = 12000 mA
I
F = 12000 mA
min.
max.
Φ
e
Φ
e
EZ
9700 mW
11200 mW
FX
11200 mW
13000 mW
FY
13000 mW
15000 mW
FZ
15000 mW
18000 mW
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
V
444 nm
448 nm
W
448 nm
452 nm
2
452 nm
456 nm
3
456 nm
460 nm
4
460 nm
465 nm
Group Name on Label
Example: EZ-2
Brightness
Wavelength
EZ
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com