Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-B-P1W Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # LE-B-P1W
Description  OSRAM OSTAR® Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-B-P1W Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button LE-B-P1W Datasheet HTML 11Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 12Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 13Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 14Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 15Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 16Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 17Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 18Page - ams-OSRAM AG LE-B-P1W Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
LE B P1W
15 Version 1.17 | 2020-11-05
Special Characteristics
01: Standard
Encapsulant Type / Lens Properties
A:
planar encapsulation TiOx
W:
Window on TOP
Wavelength
Emission Color
(λdom typ.)
A:
617 nm
amber
B:
470 nm
blue
CG:
Cx: 0.32; Cy: 0.64
color on demand green
L:
Light
Emitting
Diode
Package Type
P:
High Power;
Chip on MCPCB
Chip configuration
1:
1x2 Chip configuration
2:
2x2 Chip configuration
3:
3x2 Chip configuration
Type Designation System
LE
A
P
2
W
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com