Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8303 Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # SM8303
Description  150KHz, 3A PWM Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8303 Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM8303 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SAMHOP Microelectronics Corp.
SM8303
150KHz, 3A PWM Buck Switching Regulator
11
V1.0 May 17 ,2007
Package Information (Continued)
(2) Package Type: TO263-5L
A
C2
C
E
e
B
F
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
4.064
4.826
0.160
0.190
B
0.508
0.991
0.020
0.039
C
0.381
0.737
0.015
0.029
C2
1.143
1.651
0.045
0.065
D
8.382
9.652
0.330
0.380
E
9.652
10.668
0.380
0.420
e
1.702 BSC
0.067 BSC
F
6.223
-
0.245
-
L
14.605
15.875
0.575
0.625
L1
-
1.676
-
0.066



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com