Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8303 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SM8303
Description  150KHz, 3A PWM Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8303 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SM8303 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SAMHOP Microelectronics Corp.
SM8303
150KHz, 3A PWM Buck Switching Regulator
2
V1.0 May 17 ,2007
Ordering Information
Package
T: TO220-5L
S: TO263-5L
Output version
SM8303 XX X X
Packing
Blank : Tube
A
: Taping
-ADJ : Adjustable
-33 : 3.3V
-50 : 5.0V
-12 : 12V
Block Diagram
Current
Source
bias
1.235V
Reference
2.5V
Regulator
150kHz
OSC.
Start
up
+
+
+
_
Thermal
Limit
Pre-driver
Comp
Comp
Gnd
Output
V
IN
SD
FB
220mV
200mV
3A
Switch
+
_
Amp
Comp



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com