Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07
Description  DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G07 Datasheet HTML 1Page - Texas Instruments SN74LVC2G07 Datasheet HTML 2Page - Texas Instruments SN74LVC2G07 Datasheet HTML 3Page - Texas Instruments SN74LVC2G07 Datasheet HTML 4Page - Texas Instruments SN74LVC2G07 Datasheet HTML 5Page - Texas Instruments SN74LVC2G07 Datasheet HTML 6Page - Texas Instruments SN74LVC2G07 Datasheet HTML 7Page - Texas Instruments SN74LVC2G07 Datasheet HTML 8Page - Texas Instruments SN74LVC2G07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
DBVPACKAGE
(TOP VIEW)
DCKPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
2
GND
V
CC
5
3
4
2A
2Y
6
1
1A
1Y
3
4
2A
2
GND
2Y
5
1
1A
V
CC
6
1Y
2
GND
V
CC
1
5
1A
2A
4
3
2Y
6
1Y
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G07
DUAL BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUTS
SCES308G – AUGUST 2001 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Typical V
OHV (Output VOH Undershoot)
NanoFree™ Package
>2 V at V
CC = 3.3 V, TA = 25°C
• Supports 5-V V
CC Operation
• I
off Supports Partial-Power-Down Mode
Operation
• Inputs and Open-Drain Outputs Accept
Voltages up to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Max t
pd of 3.7 ns at 3.3 V
• ESD Protection Exceeds JESD 22
• Low Power Consumption, 10-µA Max I
CC
–
2000-V Human-Body Model (A114-A)
• ±24-mA Output Drive at 3.3 V
–
200-V Machine Model (A115-A)
• Typical V
OLP (Output Ground Bounce)
<0.8 V at V
CC = 3.3 V, TA = 25°C
–
1000-V Charged-Device Model (C101)
This dual buffer/driver is designed for 1.65-V to 5.5-V VCC operation. The output of the SN74LVC2G07 is open
drain and can be connected to other open-drain outputs to implement active-low wired-OR or active-high
wired-AND functions. The maximum sink current is 32 mA.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC2G07YZPR
_ _ _CV_
0.23-mm Large Bump – YZP (Pb-free)
SOT (SOT-23) – DBV
Reel of 3000
SN74LVC2G07DBVR
C07_
–40
°C to 85°C
Reel of 3000
SN74LVC2G07DCKR
SOT (SC-70) – DCK
CV_
Reel of 250
SN74LVC2G07DCKT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07 TI1-SN74LVC2G07 Datasheet
708Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
2Mb / 31P
SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
logo
Guangdong Youtai Semico...
SN74LVC2G07 UMW-SN74LVC2G07 Datasheet
719Kb / 9P
SN74LVC2G07
logo
Texas Instruments
SN74LVC2G07 TI2-SN74LVC2G07 Datasheet
1Mb / 32P
SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
REVISED MAY 2015
More results

Similar Description - SN74LVC2G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI1-SN74LVC2G07_15 Datasheet
1Mb / 28P
Dual Buffer and Driver With Open-Drain Outputs
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com