Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-062 Datasheet(PDF) 1 Page - Pro-Signal

Part # USB2-062
Description  Camera Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

USB2-062 Datasheet(HTML) 1 Page - Pro-Signal

  USB2-062 Datasheet HTML 1Page - Pro-Signal USB2-062 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
22/04/13
Camera Cable
Specifications:
Connector Type A
: USB A
Connector Type B
: Mini USB B 5 Way
Cable Assembly Type
: Computer
Cable Length
: 2m
Colour
: Beige
Conductor Size
: 28AWG
Dimensions : Millimetres


Similar Part No. - USB2-062

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB2-062 PROSIGNAL-USB2-062 Datasheet
466Kb / 1P
USB2-062
2003.12.18
USB2-062 PROSIGNAL-USB2-062_V01 Datasheet
466Kb / 1P
USB2-062
2003.12.18
More results

Similar Description - USB2-062

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P250 ACTEL-A3P250 Datasheet
538Kb / 1P
Camera Interface
logo
List of Unclassifed Man...
1731 ETC2-1731 Datasheet
82Kb / 1P
Flex Cable for Raspberry Pi Camera - 24 / 610mm
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
Leopard Imaging Inc.
LI-ISX019-GMSL LEOPARD-LI-ISX019-GMSL Datasheet
614Kb / 6P
SerDes Camera
LI-OV10640-490-SER LEOPARD-LI-OV10640-490-SER Datasheet
359Kb / 3P
SerDes Camera
LI-OV10640-GMSL2-060H LEOPARD-LI-OV10640-GMSL2-060H Datasheet
646Kb / 7P
SerDes Camera
LI-OV10650-495-GMSL2 LEOPARD-LI-OV10650-495-GMSL2 Datasheet
749Kb / 7P
SerDes Camera
LI-S5K2A1-FPDLINKIII LEOPARD-LI-S5K2A1-FPDLINKIII Datasheet
636Kb / 6P
SerDes Camera
logo
SparkFun Electronics
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
logo
List of Unclassifed Man...
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com