Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39SE7 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # 39SE7
Description  MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

39SE7 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  39SE7 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
sensing.honeywell.com
MICRO SWITCH™ Miniature Sealed Basic Switches
Table 1. Specifications
Characteristic
SE Series
XE Series
Description
environmentally sealed switch
environmentally sealed miniature switch
Housing material
Anodized aluminum
Anodized aluminum
Mechanical endurance
please contact info.sc@honeywell.com for details
25,000
Electrical endurance
please contact info.sc@honeywell.com for details
25,000
Circuitry
SPST (NC), SPST (NO), SPDT
SPST (NC), SPST (NO), SPDT
Electrical termination
epoxy sealed leadwire, (0,52 mm² [20 awg]) or
epoxy sealed solder pins
epoxy sealed leadwire, (0,52 mm² [20 awg]) or
epoxy sealed solder pins
Electrical rating
5 A @ 30 Vdc; 5 A @ 250 Vac, 60 Hz
7 A @ 28 Vdc; 7 A @ 250 Vac, 60 Hz
Sealing
Symbol 3 “watertight” per MIL-PRF-8805
Symbol 3 “watertight” per MIL-PRF-8805
Temperature range
-53 °C to 105 °C [-65 °F to 221 °F] (standard)
-26 °C to 85 °C [-15 °F to 185 °F] (5SE Series)
-53 °C to 105 °C [-65°F to 221 °F] (standard)
-26 °C to 85 °C [-15 °F to 185 °F] (5XE Series)
Temperature range (optional)
please contact info.sc@honeywell.com for details
-53 °C to 149 °C [-65°F to 300 °F] (14XE Series)
Vibration
Grade 2 (15 G) per MIL-PRF-8805
Grade 2 (15 G) per MIL-PRF-8805
Approvals
UL, CSA
UL, MIL-PRF-8805
Actuators
Top pin plunger, optional auxiliary actuators available
Top pin plunger, optional auxiliary actuators available
Table 2. Electrical Ratings
Rating code
SE/XE Series
A
Sea level @ 28 Vdc; 5 A res. and 3 A ind.
50,000 feet @ 28 Vdc; 5 A res. and 2.5 A ind.
General purpose; 5 A res. and 5 A ind. at 125 or 250 Vac, 60 Hz
B
UL and CSA rating; 5 A at 125 or 250 Vac, 60 Hz
C
Sea level @ 28 Vdc; 7 A res. and 4 A ind.
50,000 feet @ 28 Vdc; 7 A res. and 2.5 A ind.
General purpose; 7 A res. and 4 A ind. at 115 Vac, 400 Hz
D
UL rating; 7 A at 125 or 250 Vac, 60 Hz
E
Sea level @ 28 Vdc; 7 A res. and 4 A ind.
50,000 feet @ 28 Vdc; 7 A res and 2.5 A ind.
F
Logic level @ 28 Vdc; 1 amp res. and 0.50 A ind.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com