Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39SE7 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # 39SE7
Description  MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

39SE7 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button 39SE7 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 39SE7 Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8 sensing.honeywell.com
SE and XE Series
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
MICRO SWITCH™ XE PRODUCT SPECIFICATIONS AND LISTINGS
Contact your Honeywell rep or distributor for additional listings
Catalog
Listing
Elect.
Rating
Spec.
(page 5)
Contacts
Termin-
ation
mm [in]
O.F.
g [oz]
R.F.
min.
g [oz]
P.T.
max.
mm [in]
O.T.
min.
mm [in]
D.T.
max.
mm [in]
O.P.
nom.
mm [in]
Comment
(see Figure 3)
1XE1*
[MS27994-1]
C
SPDT
Wire leads
(3) 305
[12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,1
[0.004]
0,13
[0.005]
10,8
[0.425]
MIL-PRF
8805
applications
1XE201*
[MS27994-4]
C
SPDT
Wire leads
(3) 305
[12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,1
[0.004]
0,13
[0.005]
10,8
[0.425]
MIL-PRF
8805
applications
1XE2-3
C
SPNC
Wire leads
(2) 914
[36]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,1
[0.004]
0,13
[0.005]
10,8
[0.425]
Normally
closed
circuit
1XE3
C
SPNO
Wire leads
(3) 305
[12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,1
[0.004]
0,13
[0.005]
10,8
[0.425]
Normally
open circuit
1XE301*
[MS27994-5]
F
SPDT
Wire leads
(3) 305
[12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,1
[0.004]
0,13
[0.005]
10,8
[0.425]
Gold
bifurcated
contacts
4XE1
D
SPDT
Wire leads
(3) 305
[12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,1
[0.004]
0,13
[0.005]
10,8
[0.425]
UL
5XE1
C
SPDT
Wire leads
(3) 305
[12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,1
[0.004]
0,13
[0.005]
10,8
[0.425]
Oil resistent
fluorosilicone
seal
14XE1
E
SPDT
Wire leads
(3) 305
[12]
255 [9]
max.
57 [2]
0,76
[0.030]
0,1
[0.004]
0,13
[0.005]
10,9
[0.430]
High temp.
149 °C
[300 °F]
(see Figure 4)
1XE401-T
F
SPDT
Solder
pins
142 to 482
[5 to 17]
85 [3]
1,27
[0.050]
0,1
[0.004]
0,13
[0.005]
10,8
[0.425]
Gold
bifurcated
contacts
14XE1-T
E
SPDT
Solder
pins
255 [9]
max.
57 [2]
0,76
[0.030]
0,1
[0.004]
0,13
[0.005]
10,9
[0.430]
High temp.
149 °C
[300 °F]
14XE1-T*
[MS27994-3]
C
SPDT
Solder
pins
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,1
[0.004]
0,13
[0.005]
10,8
[0.425]
Mil-PRF
8805
* Reference MIL-PRF-8805/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com