Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1414 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2SD1414
Description  RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2SD1414 Datasheet(HTML) 1 Page - STMicroelectronics

  2SD1414 Datasheet HTML 1Page - STMicroelectronics 2SD1414 Datasheet HTML 2Page - STMicroelectronics 2SD1414 Datasheet HTML 3Page - STMicroelectronics 2SD1414 Datasheet HTML 4Page - STMicroelectronics 2SD1414 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
800-900 MHz APPLICATIONS
RF & MICROWAVE TRANSISTORS
.230 6LFL (M142)
epoxy sealed
.
836 MHz
.
12.5 VOLTS
.
COMMON BASE
.
POUT
= 45 W MIN. WITH 4.7 dB GAIN
DESCRIPTION
The SD1414 is a 12.5 V Class C epitaxial silicon
NPN planar transistor designed for amplifier ap-
plications in the 806 - 866 MHz frequency range.
Internal input matching and common base con-
figuration assure optimum gain and efficiency
across the entire frequency band. The SD1414
withstands infinite VSWR at rated power output.
PIN CONNECTION
BRANDING
SD1414
ORDER CODE
SD1414
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
18
V
VCES
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
9.0
A
PDISS
Power Dissipation
150
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
1.2
°C/W
SD1414
1. Collector
3. Base
2. Emitter
THERMAL DATA
March 1993
1/5


Similar Part No. - 2SD1414

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1414 ISC-2SD1414 Datasheet
68Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1414 SAVANTIC-2SD1414 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
2SD1414 SAVANTIC-2SD1414 Datasheet
130Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1414 ISC-2SD1414 Datasheet
230Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1414 ISC-2SD1414_19 Datasheet
230Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD1414

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Dec-1999
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD1660 STMICROELECTRONICS-SD1660 Datasheet
75Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1455 ADPOW-MS1455 Datasheet
132Kb / 4P
RF & MICROWAVE TRANSISTORS 800 - 900 MHz APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
MS1453 ADPOW-MS1453 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASESTATION APPLICATIONS
MS1536 ADPOW-MS1536 Datasheet
121Kb / 4P
RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
SD1420-01 ADPOW-SD1420-01 Datasheet
77Kb / 3P
RF AND MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com