Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1423 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1423
Description  RF & MICROWAVE TRANSISTORS 800-960MHz BASE STATION APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1423 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1423 Datasheet HTML 1Page - STMicroelectronics SD1423 Datasheet HTML 2Page - STMicroelectronics SD1423 Datasheet HTML 3Page - STMicroelectronics SD1423 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S ym bol
Te s t Conditio ns
Va lu e
Un it
Min .
Typ.
Ma x.
POUT
f
= 960 MHz
VCC
= 24 V
ICQ
= 75 mA
15
—
—
W
PG
f
= 960 MHz
VCC
= 24 V
ICQ
= 75 mA
8—
—
dB
ηc
f
= 960 MHz
VCC
= 24 V
ICQ
= 75 mA
45
50
—
%
COB
f
= 1 MHz
VCB
= 24V
—20
24
pF
STATIC
S ym bol
Te s t Conditio ns
Va lu e
Un it
Min .
Typ .
Ma x.
BVCBO
IC
= 50mA
IE
= 0mA
48
50
—
V
BVCEO
IC
= 20mA
IB
= 0mA
25
30
—
V
BVEBO
IE
= 5mA
IC
= 0mA
3.5
4.0
—
V
ICBO
VCB
= 24V
IE
= 0mA
—
—
1.0
mA
hFE
VCE
= 10V
IC
= 100mA
20
—
100
—
DYNAMIC
TYPICAL PERFORMANCE
P OWER OUT PUT vs P OWER INP UT
FREQ.
ZIN (
Ω)ZCL (Ω)
900 MHz
1.30 + j 1.98
3.99 + j 5.55
930 MHz
1.42 + j 2.31
3.18 + j 4.97
960 MHz
1.45 + j 2.62
2.96 + j 4.07
POUT
= 15 W
VCE
= 75 mA
ICQ
= 24 V
IMPEDANCE DATA
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
SD1423
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com