Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1423 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1423
Description  RF & MICROWAVE TRANSISTORS 800-960MHz BASE STATION APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1423 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1423 Datasheet HTML 1Page - STMicroelectronics SD1423 Datasheet HTML 2Page - STMicroelectronics SD1423 Datasheet HTML 3Page - STMicroelectronics SD1423 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
C1, C2
:0.8 - 8.0pfGigatrim Variable Capacitor
C3, C6,
C7, C8
:100pf ATC Chip Capacitor
C4 : 10
µF, 63V Electrolytic
C5 : 0.1
µF Capacitor CK06BX104K
D1, D2
:SD1423 trasistors used as diodes
L1, L3
:4 Turn, #22 AWG
L2 : #22 AWG, Ferrite Core
Q1: SD1423 Bias Transistor
Q2: SD1423 transistor under test
R1 : 1.5 k
Ω, 1/4W Resistor
R2 : 5K
Ω ±5% Potentiometer
Board Material: 3M Teflon Fiberglass Er = 2.55, H = .030”
All dimensions in mils unless otherwise specified
TEST CIRCUIT DIMENSIONS
SD1423
3/ 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com