Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6WU-1F-R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G6WU-1F-R
Description  High-frequency Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WU-1F-R Datasheet(HTML) 8 Page - Omron Electronics LLC

  G6WU-1F-R Datasheet HTML 1Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 2Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 3Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 4Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 5Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 6Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 7Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
G6W
G6W
SMD-type substrate
Note:
When higher isolation is required, connect the convex
position on the undersurface of the relay to the ground
pattern of the substrate by soldering.
Base plate for high-frequency characteristic compensation
Note:
The above compensation plate is used to measure the
loss by the relay.
The relay loss is determined by subtracting the data
measured for a compensation base plate from those for a
high-frequency characteristics measuring substrate
mounted with a relay.
Handling
Leave the Relays packed until just prior to mounting them.
Soldering
Solder: JIS Z3282, H63A
Soldering temperature: Approx. 250ºC (At 260ºC if the DWS
method is used.)
Soldering time: Approx. 5 s max. (approx. 2 s for the first time and
approx. 3 s for the second time if the DWS method is used.)
Be sure to adjust the level of the molten solder so that the solder
will not overflow onto the PCB.
Claw Securing Force During Automatic Insertion
During automatic insertion of Relays, make sure to set the
securing force of the claws to the following values so that the
Relay characteristics will be maintained.
Environmental Conditions During Operation, Storage, and
Transportation
Protect the Relays from direct sunlight and keep the Relays under
normal temperature, humidity, and pressure.
Latching Relay Mounting
Make sure that the vibration or shock that is generated from other
devices, such as relays in operation, on the same panel and
imposed on the Latching Relay does not exceed the rated value,
otherwise the Latching Relay that has been set may be reset or
vice versa.
The Latching Relay is reset before shipping.
If
excessive vibration or shock is imposed, however, the Latching
Relay may be set accidentally. Be sure to apply a reset signal
before use.
Coating
Relays mounted on PCBs may be coated or washed. Do not
apply silicone coating or detergent containing silicone, otherwise
the silicone coating or detergent may remain on the surface of the
Relays.
Convex position
15.24
5.12
1.8
1.5
0.5
1.4
0.4
8.6
3
Thirty one, 0.6-dia.,
through-hole
1.5
6
0.5
3
Undersurface of relay
Through-
hole
15
0.5
13.6
1.5
2
Twenty four, 0.6-dia.,
through-hole
Secure the claws to the area indicated by shading.
Do not attach them to the center area or to only part of the
Relay.
A
C
B
Direction A: 4.90 N max.
Direction B: 9.80 N max.
Direction C: 9.80 N max.
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. K120-E1-01
OMRON Corporation
Electronic Components Company
Electronic & Mechanical Components Division H.Q.
Low Signal Relay Division
2-1, 2-Chome, Nishikusatsu, Kusatsu-City,
Shiga, 525-0035 Japan
Tel: (81)77-565-5481/Fax: (81)77-565-5581
Printed in Japan
0402-2M (0402) (B)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com