Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6WU-1F-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6WU-1F-R
Description  High-frequency Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WU-1F-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6WU-1F-R Datasheet HTML 1Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 2Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 3Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 4Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 5Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 6Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 7Page - Omron Electronics LLC G6WU-1F-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
G6W
High-frequency Relay
Surface-mountable 2.5 GHz Band
Miniature SPDT High-frequency Relay
Superior high-frequency characteristics, such as
an isolation of 60 dB min., insertion loss of 0.2 dB
max., and V.S.W.R. of 1.2 max. at 2.5 GHz (50
).
Surface-mounting terminals and superior high-
frequency characteristics combined through
adoption of tri-plate micro strip type transmission
lines.
Ultra-miniature at 20
× 9.4 × 8.9 mm (L × W × H).
Serialized relay lineup consisting of single-
winding latching type (200 mW), double-winding
latching type (360 mW), and reverse-arrangement
contact type.
Y-shape terminal arrangement that simplifies
wiring to PCBs.
Ordering Information
Note:
When ordering, add the rated coil voltage to the model number.
Example: G6W-1P 12 VDC
Model Number Legend:
Application Examples
Mobile phone base station (W-Cdma, UMTS, Cdma-2000, PCS), wireless LAN, and measurement devices.
Classification
Single-side
stable
Single-winding
latching
Double-winding
latching
SPDT
Fully sealed
Through-hole
terminal
Y-shape terminal
G6W-1P
G6WU-1P
G6WK-1P
Surface-mounting
terminal
Y-shape terminal
G6W-1F
G6WU-1F
G6WK-1F
Rated coil voltage
G6W
-
-
1
2
3
4
5
1.
Relay function
None: Single-side stable
U:
Single-winding latching
K:
Double-winding latching
2.
Contact form
1:
SPDT
3.
Terminal shape
F:
Surface-mounting terminals
P:
PCB terminals
4.
Terminal Arrangement
None: Y-shape terminal arrangement
(standard)
5.
Classification
None: Standard contact arrangement
R:
Reverse contact arrangement


Similar Part No. - G6WU-1F-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6WU-1F OMRON-G6WU-1F Datasheet
852Kb / 10P
High-frequency Relay
More results

Similar Description - G6WU-1F-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
Solid State Relay High Frequency
17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
LOW PROFILE HIGH FREQUENCY RELAY
logo
Omron Electronics LLC
G6K-RF OMRON-G6K-RF Datasheet
468Kb / 8P
High Frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
High-frequency Relay
G6Y OMRON-G6Y Datasheet
595Kb / 8P
High Frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
High-frequency Relay
logo
fujitsu semiconductor
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com