Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6WK-1F-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6WK-1F-R
Description  High-frequency Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WK-1F-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6WK-1F-R Datasheet HTML 1Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 2Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 3Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 4Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 5Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 6Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 7Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
G6W
G6W
Specifications
■ Contact Ratings
■ High-frequency Characteristics
Note:
1. The above values are initial values.
2. This values is for a load with V.SWR
≤ 1.2 at the imped-
ance of 50
Ω.
■ Coil Ratings
Single-side Stable Relays (G6W-1F, G6W-1P)
Single-winding Latching Relays (G6WU-1F, G6WU-1P)
Double-winding Latching Relays (G6WK-1F, G6WK-1P)
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23°C.
3. The maximum voltage is the highest voltage that can be imposed on the Relay coil.
Item
Load
Resistive load
Rated load
10 mA at 30 VAC
10 mA at 30 VDC
2.5 GHz, 50
Ω, 10 W (See note.)
Rated carry current
0.5 A
Max. switching voltage
30 VDC, 30 VAC
Max. switching current
0.5 A
Item
Frequency
2.0 GHz
2.5 GHz
Isolation
65 dB min.
60 dB min.
Insertion loss
0.2 dB max.
V.SWR
1.2 max.
Max. carry power
20 W (See note.)
Max. switching power
10 W (See note.)
Rated voltage
3 VDC
4.5 VDC
9 VDC
12 VDC
24 VDC
Rated current
66.7 mA
44.4 mA
22.2 mA
16.7 mA
8.3 mA
Coil resistance
45
Ω
101
Ω
405
Ω
720
Ω
2,880
Ω
Must operate voltage
80 % max. of rated voltage
Must release voltage
10 % min. of rated voltage
Maximum voltage
150 % of rated voltage
Power consumption
Approx. 200 mW
Rated voltage
9 VDC
12 VDC
Rated current
22.2 mA
16.7 mA
Coil resistance
405
Ω
720
Ω
Must set voltage
80 % max. of rated voltage
Must reset voltage
80 % max. of rated voltage
Maximum voltage
150 % of rated voltage
Power consumption
Approx. 200 mW
Rated voltage
3 VDC
4.5 VDC
9 VDC
12 VDC
24 VDC
Rated current
120 mA
80 mA
40 mA
30 mA
15 mA
Coil resistance
25
Ω
56
Ω
225
Ω
400
Ω
1,600
Ω
Must set voltage
80 % max. of rated voltage
Must reset voltage
80 % max. of rated voltage
Maximum voltage
150 % of rated voltage
Power consumption
Approx. 360 mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com