Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6WK-1F-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6WK-1F-R
Description  High-frequency Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WK-1F-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6WK-1F-R Datasheet HTML 1Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 2Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 3Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 4Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 5Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 6Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 7Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
G6W
G6W
Characteristics
Note:
1. The contact resistance was measured with 10 mA at 1 VDC with a fall-of-potential method.
2. Values in parentheses are actual values.
3. The insulation resistance was measured with a 500-VDC Megger Tester applied to the same parts as those used for checking
the dielectric strength.
4. The above values are initial values.
Engineering Data
Classification
Single-side Stable
Single-winding Latching
Double-winding Latching
Item
Model
G6W-1F, G6W-1P
G6WU-1F, G6WU-1P
G6WK-1F, G6WK-1P
Contact resistance (See note 1.)
100 m
Ω max.
Operate (set) time (See note 2.)
10 ms max. (Approx. 3.5 ms) 10 ms max. (Approx. 2.5 ms)
Release (reset) time (See note 2.)
10 ms max. (Approx. 2.5 ms)
Minimum set/reset signal width
——
12 ms
Insulation resistance (See note 3.)
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
Coil and contacts
1,000 VAC, 50/60 Hz for 1 min
Coil and ground,
contacts and ground
500 VAC, 50/60 Hz for 1 min
Contacts of same
polarity
500 VAC, 50/60 Hz for 1 min
Vibration
resistance
Destruction
10 to 55 Hz, 1.5-mm double amplitude
Malfunction
10 to 55 Hz, 2-mm double amplitude
Shock resistance
Destruction
1,000 m/s2
Malfunction
500 m/s2
Endurance
Mechanical
1,000,000 operations min. (at 36,000 operations/hour)
Electrical
300,000 operations min. (with a rated load at 1,800 operations/hour)
Ambient temperature
Operating:
−40ºC to 70ºC (with no icing or condensation)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 3 g
−40
−20
250
200
150
100
50
0
0
20
40
60
80
100
Ambient temperature (˚C)
Max. estimated value
−60
−40
100
90
80
70
60
50
40
30
20
10
0
0
−20
20
40
60
80 100
max.
avg.
max.
min.
min.
min.
avg.
Ambient temperature (˚C)
Must set voltage
Must reset voltage
Z
Z'
Y
Y'
X
X'
200
400
600
800
1,000
1,000
1,000
1,000
1,000
800
600
400
200
1,000
Shock direction
X
X'
Energized
Z
Z'
Y
Y'
Unit: m/s2
Sample: G6WK-1P 4.5VDC
Number of Relays: 10
Not
energized
Ambient Temperature vs.
Maximum Voltage
Ambient Temperature vs.
Must Set or Must Reset Voltage
Shock Malfunction
Note: "Maximum voltage" is the maximum voltage that can
be applied to the Relay coil.
Conditions: Shock is applied in ±X, ±Y, and ±Z
directions three times each with and without energizing
the Relays to check the number of contact
malfunctions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com