Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-T656 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LG-T656
Description  TOPLED® Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-T656 Datasheet(HTML) 5 Page - ams-OSRAM AG

  LG-T656 Datasheet HTML 1Page - ams-OSRAM AG LG-T656 Datasheet HTML 2Page - ams-OSRAM AG LG-T656 Datasheet HTML 3Page - ams-OSRAM AG LG-T656 Datasheet HTML 4Page - ams-OSRAM AG LG-T656 Datasheet HTML 5Page - ams-OSRAM AG LG-T656 Datasheet HTML 6Page - ams-OSRAM AG LG-T656 Datasheet HTML 7Page - ams-OSRAM AG LG-T656 Datasheet HTML 8Page - ams-OSRAM AG LG-T656 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LG T656
5 Version 1.3 | 2019-07-16
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
R1
112 mcd
140 mcd
150 mlm
R2
140 mcd
180 mcd
190 mlm
S1
180 mcd
224 mcd
240 mlm
S2
224 mcd
280 mcd
300 mlm
T1
280 mcd
355 mcd
380 mlm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 20 mA
I
F = 20 mA
min.
max.
λ
dom
λ
dom
2
567 nm
570 nm
3
570 nm
573 nm
4
573 nm
576 nm
Group Name on Label
Example: R1-2
Brightness
Wavelength
R1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com