Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-T656 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LG-T656
Description  TOPLED® Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-T656 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LG-T656 Datasheet HTML 5Page - ams-OSRAM AG LG-T656 Datasheet HTML 6Page - ams-OSRAM AG LG-T656 Datasheet HTML 7Page - ams-OSRAM AG LG-T656 Datasheet HTML 8Page - ams-OSRAM AG LG-T656 Datasheet HTML 9Page - ams-OSRAM AG LG-T656 Datasheet HTML 10Page - ams-OSRAM AG LG-T656 Datasheet HTML 11Page - ams-OSRAM AG LG-T656 Datasheet HTML 12Page - ams-OSRAM AG LG-T656 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LG T656
9 Version 1.3 | 2019-07-16
Max. Permissible Forward Current
I
F = f(T)
OHL01031
0
0
20
40
60
80 ˚C 100
T
IF
temp. ambient
temp. solder point
A
S
T
T
5
10
15
20
25
30
35
mA
A
T
S
T
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C
OHL00316
F
I
10 10
-5
-4
-3
10 10-2 10-1 100
s
101 102
p
t
0.05
0.5
0.2
0.1
D
0.02
0.01
0.005
=
-2
10
-1
10
0
10
5
5
A
D T
t
=
P
t
T
P
IF
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 85 °C;
OHL01432
F
I
10 10
-5
-4
-3
10 10-2 10-1 100
s
101 102
p
t
0.05
0.5
0.2
0.1
D
0.02
0.01
0.005
=
D T
t
=
P
t
T
P
IF
10-1
10-2
5
10
5
A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com