Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-T676 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LG-T676
Description  TOPLED®
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-T676 Datasheet(HTML) 1 Page - ams-OSRAM AG

  LG-T676 Datasheet HTML 1Page - ams-OSRAM AG LG-T676 Datasheet HTML 2Page - ams-OSRAM AG LG-T676 Datasheet HTML 3Page - ams-OSRAM AG LG-T676 Datasheet HTML 4Page - ams-OSRAM AG LG-T676 Datasheet HTML 5Page - ams-OSRAM AG LG-T676 Datasheet HTML 6Page - ams-OSRAM AG LG-T676 Datasheet HTML 7Page - ams-OSRAM AG LG-T676 Datasheet HTML 8Page - ams-OSRAM AG LG-T676 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LG T676
1 Version 1.4 | 2021-12-10
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LG T676
TOPLED®
TOPLED, SMT LED with integrated reflector. With
our great experience in SMT LED we are able to of-
fer a high quality product for all kind of applications.
—
—
Cluster, Button Backlighting
—
—
Electronic Equipment
—
—
Interior Illumination (e.g. Ambient Map)
—
—
White Goods
Features:
—
—
Package: white PLCC-2 package, colorless clear resin
—
—
Chip technology: InGaAlP
—
—
Typ. Radiation: 120° (Lambertian emitter)
—
—
Color: λ
dom = 570 nm (● green)
—
—
Corrosion Robustness Class: 3B
—
—
Qualifications: AEC-Q102 Qualified
—
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LG-T676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LG-T676 OSRAM-LG-T676 Datasheet
536Kb / 21P
white PLCC-2 package, colorless clear resin
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
TOPLED
More results

Similar Description - LG-T676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
TOPLED
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com