Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG T67F-R1T1-24 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LG T67F-R1T1-24
Description  TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG T67F-R1T1-24 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LG T67F-R1T1-24 Datasheet HTML 2Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 3Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 4Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 5Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 6Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 7Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 8Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 9Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LG T67F
DATASHEET
DATASHEET
6 | Version 1.3 | 2024-01-16
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
R1
112 mcd
140 mcd
380 mlm
R2
140 mcd
180 mcd
480 mlm
S1
180 mcd
224 mcd
610 mlm
S2
224 mcd
280 mcd
760 mlm
T1
280 mcd
355 mcd
950 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 20 mA
I
F = 20 mA
min.
max.
V
F
V
F
G3
1.90 V
2.05 V
K3
2.05 V
2.20 V
N3
2.20 V
2.35 V
R3
2.35 V
2.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 20 mA
I
F = 20 mA
min.
max.
λ
dom
λ
dom
2
565 nm
569 nm
3
569 nm
572 nm
4
572 nm
575 nm
Group Name on Label
Example: R1-2-G3
Brightness
Wavelength
Forward Voltage
R1
2
G3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com