Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG T67F-R1T1-24 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # LG T67F-R1T1-24
Description  TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG T67F-R1T1-24 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button LG T67F-R1T1-24 Datasheet HTML 13Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 14Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 15Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 16Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 17Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 18Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 19Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 20Page - ams-OSRAM AG LG T67F-R1T1-24 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LG T67F
DATASHEET
DATASHEET
17 | Version 1.3 | 2024-01-16
C
Chhiipp TTeecchhnnoollooggyy::
11:: TSN
33:: standard InGaN
44:: AlGaAs
55:: HOP 2000
66:: Standard InGalP
99:: TSN low current
BB:: HOP 2000
C
C:: ATON
D
D:: Small ThinGaN/ Thinfilm (e.g. 6mil)
FF:: Thinfilm InGaAlP
G
G:: ThinGaN(Thinfilm InGaN)
KK:: InGaAlP low current
SS:: standard InGaN low current
00:: TSN
´
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
77::
Colorless clear or white volume conversion
(resin encapsulation)
SS::
Silicone (with or without diffuser)
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
C
Coolloorr ccoooorrddiinnaatteess aaccccoorrddiinngg
((λλddoomm ttyypp..))
C
CIIEE 11993311//EEm
miissssiioonn ccoolloorr::
AA::
617 nm
amber
W
W::
white
SS::
633 nm
super red
U
UW
W:: ultra white
TT::
528 nm
true green
C
CBB::
color on demand blue
YY::
587 nm
yellow
C
CG
G::
color on demand green
O
O::
606 nm
orange
C
CLL::
color on demand lagune
G
G::
570 nm
green
PP::
560 nm
pure green
R
R::
625 nm
red
BB::
470 nm
blue
H
H::
645 nm
hyper-red
VV::
505 nm
verde green
LL::
Light
emitting
diode
PPaacckkaaggee TTyyppee
TT::
TOPLED
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
66::
folded leads
77::
reverse gullwing leads
TT::
folded leads, improved corrosion stability
Au-LF), w/o TiO2 jetting
VV::
folded leads and UX:3 w/ improved
corrosion stability (Au-LF), TiO2 jetting
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LL
AA
TT
66
77
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com