Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18631237 Datasheet(PDF) 21 Page - CML Innovative Technologies Ltd

Part # 18631237
Description  Mega StarLEDs, StarLEDs,MultiLEDs, LED Indicators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLINNOVATIVETECHNOLOGIES [CML Innovative Technologies Ltd]
Direct Link  www.cml-it.com
Logo CMLINNOVATIVETECHNOLOGIES - CML Innovative Technologies Ltd

18631237 Datasheet(HTML) 21 Page - CML Innovative Technologies Ltd

Back Button 18631237 Datasheet HTML 17Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 18Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 19Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 20Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 21Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 22Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 23Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 24Page - CML Innovative Technologies Ltd 18631237 Datasheet HTML 25Page - CML Innovative Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
40
41
Innenreflektor mit Vorwiderstand IP40 / Recessed (Interior) Bezel with Resistor IP40
Innenreflektor ohne Vorwiderstand IP40 / Recessed (Interior) Bezel without Resistor IP40
Maximale Frontplattenstärke 8mm / Maximum panel thickness 8mm
LED Indicators
Einbaudurchmesser 6mm / Mounting hole 6mm
Maximale Frontplattenstärke 8mm / Maximum panel thickness 8mm
Part N°
colour
Forward volt.
Current
Lumi. intensity
[V] DC
[mA]
[mcd] at 20mA
Hochglanzverchromter Metallreflektor / Satin chrome bezel
19030001
green
2,2
–
8
19030002
yellow
2,1
–
8
19030003
red
2
–
13
19030007
blue
4,5
–
40
1903000W3D
white
3,5
–
480
Schwarzverchromter Metallreflektor / Black chrome bezel
19031001
green
2,2
–
8
19031002
yellow
2,1
–
8
19031003
red
2
–
13
19031007
blue
4,5
–
40
1903100W3D
white
3,5
–
480
Mattverchromter Metallreflektor / Matt chrome bezel
19022001
green
2,2
–
8
19022002
yellow
2,1
–
8
19022003
red
2
–
13
19022007
blue
4,5
–
40
1902200W3D
white
3,5
–
480
Part N°
colour
Supply volt.
Current
Lumi. intensity
[V] DC
[mA]
[mcd]
Hochglanzverchromter Metallreflektor / Satin chrome bezel
19030251
green
12
20
8
19030252
yellow
12
20
8
19030253
red
12
20
13
19030257
blue
12
18
36
1903025W
white
12
18
430
19030351
green
24
15
6
19030352
yellow
24
15
6
19030353
red
24
15
8
19030357
blue
24
15
26
1903035W
white
24
15
410
Schwarzverchromter Metallreflektor / Black chrome bezel
19031251
green
12
20
8
19031252
yellow
12
20
8
19031253
red
12
20
13
19031257
blue
12
18
36
1903125W
white
12
18
430
19031351
green
24
15
6
19031352
yellow
24
15
6
19031353
red
24
15
8
19031357
blue
24
15
26
1903135W
white
24
15
410
Mattverchromter Metallreflektor / Matt chrome bezel
19032251
green
12
20
8
19032252
yellow
12
20
8
19032253
red
12
20
13
19032257
blue
12
18
36
1903225W
white
12
18
430
19032351
green
24
15
6
19032352
yellow
24
15
6
19032353
red
24
15
8
19032357
blue
24
15
26
1903235W
white
24
15
410
13
10
3
13
11
Anode
anode
Kathode
cathode
SW 8
M 6 x 0,5
M6 x 0,5
6
34
10
3
SW 8
2,0 x 0,5
Außenreflektor mit Vorwiderstand zweifarbig IP40 / Prominent (Exterior) Bezel with Resistor bi-colour IP40
Außenreflektor ohne Vorwiderstand zweifarbig IP40 / Prominent (Exterior) Bezel without Resistor bi-colour IP40
Maximale Frontplattenstärke 5,5mm / Maximum panel thickness 5.5mm
LED Indicators
Einbaudurchmesser 6mm / Mounting hole 6mm
Maximale Frontplattenstärke 5,5mm / Maximum panel thickness 5.5mm
Part N°
colour
Forward volt.
Current
Lumi. intensity
[V] DC
[mA]
[mcd] at 20mA
Hochglanzverchromter Metallreflektor / Satin chrome bezel
19020004
red/green
2/2,2
–
40/40
19020005
red/yellow
2/2,1
–
40/20
19020006
green/yellow
2,2/2,1
–
40/20
Schwarzverchromter Metallreflektor / Black chrome bezel
19021004
red/green
2/2,2
–
40/40
19021005
red/yellow
2/2,1
–
40/20
19021006
green/yellow
2,2/2,1
–
40/20
Mattverchromter Metallreflektor / Matt chrome bezel
19022004
red/green
2/2,2
–
40/40
19022005
red/yellow
2/2,1
–
40/20
19022006
green/yellow
2,2/2,1
–
40/20
Farbwechsel durch Umpolung der Versorgungsspannung.
This colour is changed by changing polarity of the supply voltage.
11,5
7
SW 8
M 6 x 0,5
13
11
4,5
4
SW 8
M6 x 0,5
2,0 x 0,5
6
33
7
Part N°
colour
Supply volt.
Current
Lumi. intensity
[V] DC
[mA]
[mcd]
Hochglanzverchromter Metallreflektor / Satin chrome bezel
19020254
red/green
12
20
40/40
19020255
red/yellow
12
20
40/20
19020256
green/yellow
12
20
40/20
19020354
red/green
24
15
30/30
19020355
red/yellow
24
15
30/15
19020356
green/yellow
24
15
30/15
Schwarzverchromter Metallreflektor / Black chrome bezel
19021254
red/green
12
20
40/40
19021255
red/yellow
12
20
40/20
19021256
green/yellow
12
20
40/20
19021354
red/green
24
15
30/30
19021355
red/yellow
24
15
30/15
19021356
green/yellow
24
15
30/15
Mattverchromter Metallreflektor / Matt chrome bezel
19022254
red/green
12
20
40/40
19022255
red/yellow
12
20
40/20
19022256
green/yellow
12
20
40/20
19022354
red/green
24
15
30/30
19022355
red/yellow
24
15
30/15
19022356
green/yellow
24
15
30/15
Farbwechsel durch Umpolung der Versorgungsspannung.
This colour is changed by changing polarity of the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com