Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1538 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1538
Description  18V 3A 300KHz BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1538 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1538 Datasheet HTML 6Page - Diodes Incorporated AP1538 Datasheet HTML 7Page - Diodes Incorporated AP1538 Datasheet HTML 8Page - Diodes Incorporated AP1538 Datasheet HTML 9Page - Diodes Incorporated AP1538 Datasheet HTML 10Page - Diodes Incorporated AP1538 Datasheet HTML 11Page - Diodes Incorporated AP1538 Datasheet HTML 12Page - Diodes Incorporated AP1538 Datasheet HTML 13Page - Diodes Incorporated AP1538 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP1538
18V 3A 300KHz BUCK CONVERTER
AP1538
Rev.
2
11 of 14
JUNE 2008
www.diodes.com
© Diodes Incorporated
Functional Description
(Continued)
AP1538
+
-
VSS
EN
C1
R1
R2
FB
Vcc
Output
C3
V
OUT
V
IN
R4
OCSET
C4
C2
Option
C7
C6
R5
Option
L1
+
-
C8
D1
Figure: Layout numbering comparison.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com